Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBB11C-48E-SN Datasheet(PDF) 2 Page - Powerbox

Part # PBB11C-48E-SN
Description  A C / D C H I G H S U R G E S U P P LY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB11C-48E-SN Datasheet(HTML) 2 Page - Powerbox

  PBB11C-48E-SN Datasheet HTML 1Page - Powerbox PBB11C-48E-SN Datasheet HTML 2Page - Powerbox PBB11C-48E-SN Datasheet HTML 3Page - Powerbox PBB11C-48E-SN Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
PBB11C Series
A C / D C H I G H S U R G E S U P P L Y
TECHNICAL ILLUSTRATIONS
SELECTION TABLE
Doc. No. PBB11C Rev.D 2-12-15
MODEL NUMBER
OUTPUT VOLTAGE
VOLTAGE ADJ.
OUTPUT CURRENT
PEAK CURRENT
POWER
PBB11C-24M-SN
24Vdc
21.4 - 26.4V
4.2A
7A
100W
PBB11C-36M-SN
36Vdc
26.4 - 39.6V
2.8A
4.7A
100W
PBB11C-48M-SN
48Vdc
39.6 - 52.8V
2.1A
3.5A
100W
PBB11C-24R-SN
24Vdc
21.4 - 26.4V
6.3A
12A
150W
PBB11C-36R-SN
36Vdc
26.4 - 39.6V
4.2A
8A
150W
PBB11C-48R-SN
48Vdc
39.6 - 52.8V
3.2A
6A
150W
PBB11C-24E-SN
24Vdc
21.4 - 26.4V
10A
20A
240W
PBB11C-36E-SN
36Vdc
26.4 - 39.6V
6.7A
13.4A
240W
PBB11C-48E-SN
48Vdc
39.6 - 52.8V
5A
10A
240W
PBB11C-M 100W


Similar Part No. - PBB11C-48E-SN

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C-24X POWERBOX-PBB10C-24X Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C-24XA POWERBOX-PBB10C-24XA Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C-30X POWERBOX-PBB10C-30X Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C-30XA POWERBOX-PBB10C-30XA Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results

Similar Description - PBB11C-48E-SN

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
   A C / D C S I N G L E O U T P U T S U P P LY
PBI3H POWERBOX-PBI3H Datasheet
99Kb / 2P
   1 0 0 WAT T S D C / D C S W I T C H I N G P O W E R S U P P LY
logo
E-Tech Electronics LTD
GJ1952 ETL-GJ1952 Datasheet
385Kb / 3P
   P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GI1952 ETL-GI1952 Datasheet
387Kb / 3P
   P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GJ5103 ETL-GJ5103 Datasheet
417Kb / 3P
   N P N H I G H S P E E D S WI T C H I N G T R A N S I S T O R
GI5103 ETL-GI5103 Datasheet
418Kb / 3P
   N P N H I G H S P E E D S W I T C H I N G T R A N S I S T O R
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
G6853 ETL-G6853 Datasheet
152Kb / 4P
   S i n g l e O u t p u t H a l l E f f e c t S wi t c h I C
GSBAW56 ETL-GSBAW56 Datasheet
122Kb / 2P
   S U R F A C E M O U N T , S WI T C H I N G D I O D E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com