Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBB20C-5D Datasheet(PDF) 3 Page - Powerbox

Part # PBB20C-5D
Description  A C / D C S I N G L E O U T P U T S U P P LY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB20C-5D Datasheet(HTML) 3 Page - Powerbox

  PBB20C-5D Datasheet HTML 1Page - Powerbox PBB20C-5D Datasheet HTML 2Page - Powerbox PBB20C-5D Datasheet HTML 3Page - Powerbox PBB20C-5D Datasheet HTML 4Page - Powerbox PBB20C-5D Datasheet HTML 5Page - Powerbox PBB20C-5D Datasheet HTML 6Page - Powerbox PBB20C-5D Datasheet HTML 7Page - Powerbox PBB20C-5D Datasheet HTML 8Page - Powerbox PBB20C-5D Datasheet HTML 9Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Doc. No. PBB20C Rev.E 25-11-15
3
PBB20C Series
A C / D C S I N G L E O U T P U T S U P P L Y
MODEL NUMBER
OUTPUT
VOLTAGE ADJ
POWER
PBB20C-3.3T
3.3V
60A
2.64V - 3.96V
300W
PBB20C-5T
5V
60A
3.96V - 6V
300W
PBB20C-7.5T
7.5V
40A
5.25V - 8.25V
300W
PBB20C-12T
12V
27A
8.25V - 13.2V
300W
PBB20C-15T
15V
22A
10.5V - 16.5V
300W
PBB20C-24T
24V
14A
16.5V - 26.4V
300W
PBB20C-36T
36V
9A
25.2V - 39.6V
300W
PBB20C-48T
48V
7A
38.4V - 56V
300W
PBB20C-3.3X
3.3V
120A
2.64V - 3.96V
600W
PBB20C-5X
5V
120A
3.96V - 6V
600W
PBB20C-7.5X
7.5V
80A
5.25V - 8.25V
600W
PBB20C-12X
12V
53A
8.25V - 13.2V
600W
PBB20C-15X
15V
43A
10.5V - 16.5V
600W
PBB20C-24X
24V
27A
16.5V - 26.4V
600W
PBB20C-36X
36V
18A
25.2V - 39.6V
600W
PBB20C-48X
48V
13A
38.4V - 56V
600W
PBB20C-3.3W
3.3V
200A
2.64V - 3.96V
1000W
PBB20C-5W
5V
200A
3.96V - 6V
1000W
PBB20C-7.5W
7.5V
134A
5.25V - 8.25V
1000W
PBB20C-12W
12V
88A
8.25V - 13.2V
1000W
PBB20C-15W
15V
70A
10.5V - 16.5V
1000W
PBB20C-24W
24V
44A
16.5V - 26.4V
1000W
PBB20C-36W
36V
29A
25.2V - 39.6V
1000W
PBB20C-48W
48V
22A
38.4V - 56V
1000W
PBB20C-3.3V
3.3V
300A
2.64V - 3.96V
1500W
PBB20C-5V
5V
300A
3.96V - 6V
1500W
PBB20C-7.5V
7.5V
200A
5.25V - 8.25V
1500W
PBB20C-12V
12V
125A
8.25V - 13.2V
1500W
PBB20C-15V
15V
100A
10.5V - 16.5V
1500W
PBB20C-24V
24V
70A
16.5V - 26.4V
1500W
PBB20C-36V
36V
47A
25.2V - 39.6V
1500W
PBB20C-48V
48V
35A
38.4V - 56V
1500W
SELECTION TABLE


Similar Part No. - PBB20C-5D

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB20C-D POWERBOX-PBB20C-D Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12F POWERBOX-PBB20C-D12F Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12H POWERBOX-PBB20C-D12H Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12J POWERBOX-PBB20C-D12J Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D15F POWERBOX-PBB20C-D15F Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
More results

Similar Description - PBB20C-5D

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PM25A POWERBOX-PM25A Datasheet
302Kb / 2P
   2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
   A C / D C H I G H S U R G E S U P P LY
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com