Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBB13C-5H-SNY Datasheet(PDF) 1 Page - Powerbox

Part # PBB13C-5H-SNY
Description  7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB13C-5H-SNY Datasheet(HTML) 1 Page - Powerbox

  PBB13C-5H-SNY Datasheet HTML 1Page - Powerbox PBB13C-5H-SNY Datasheet HTML 2Page - Powerbox PBB13C-5H-SNY Datasheet HTML 3Page - Powerbox PBB13C-5H-SNY Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.E 26-5-12
35
PBB13C Series
7 - 3 0 0 W A T T S - A C / D C S I N G L E O U T P U T
FEATURES
Universal input 85-264VAC
Small Size
Over voltage and current protection
Power Factor Correction 100-300 Watts
Chassis mounting
Decrease power consumption during stand-by
10-15Watts -
On board in-rush current limiter
Over current and overvoltage protection
CE marking
RoHS compliance
INPUT
Voltage
85-264VAC
Frequency
10-30W (47-440Hz) 50-300W (47-63Hz)
Safety isolation
Input-Output
AC 3,000V 1 minute
Input - FG
AC 2,000V 1 minute
Output - FG
AC 500V 1 minute
Inrush current
30A typical at 200V AC.
Power factor
0-90 typ., 50-300W
OUTPUT
Output voltage
See table.
Output current
See table.
Regulation
Line: 20-192mv Model Dependant
Load: 40-240mv Model Dependant
Voltage adjustment
Typically ±10%
Ripple and noise
See table.
Overvoltage protection
At 115%–140% of rated.
Overcurrent protection
Operates over 105% of ratting and recovers
automaticall
Temperature drift
20-192mv Model Dependant
Efficiency
See table.
Hold up time
20mS typical (AC in 100V)
Minimum load
Unit will operate with zero load
ENVIRONMENTAL
Operating temperature
-10°C to 70°C.
Derating
Consult Sales Office
Cooling
Convection.
Vibration
10Hz–55Hz, 2G, 3 mins period for 60 minutes
along X, Y and Z axis.
Impact
20G, 11mS, once each along X, Y and Z axis.
STANDARDS
Safety standards
UL60950-1, CSA 60950-1, EN60950-1,
EN50178,
C-Tick
AS/NZS CISPR11 Group 1 Class A.
EMI standards
FCC-B, VCCI-B, CISPR-B, EN55011-B, EN5022-B
EMC compliance
EN61204-3, EN61000-6-2
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
MECHANICAL
Case size
PBB13C-D-SNY
60 x32 x 93.5mm
PBB13C-F-SNY
60 x 32 x 107.5mm
PBB13C-H-SNY
60 x 36 x 125mm
PBB13C-J-SNY
60 x 36 x 132m
PBB13C-L-SNY
60 x 33.5 x 162mm
PBB13C-M-SNY
72 x 45 x 185mm
PBB13C-R-SNY
85 X 47 X 188mm
PBB13C-E-SNY
98 X 59 X 212mm
PBB13C-T-SNY
95 X 49 X 222mm
Cable harness
Input/output harness supplied with PSU
SPECIFICATIONS


Similar Part No. - PBB13C-5H-SNY

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C-24X POWERBOX-PBB10C-24X Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C-24XA POWERBOX-PBB10C-24XA Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C-30X POWERBOX-PBB10C-30X Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C-30XA POWERBOX-PBB10C-30XA Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results

Similar Description - PBB13C-5H-SNY

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
   5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
   7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM100 POWERBOX-PM100 Datasheet
550Kb / 2P
   3 7 - 6 4 WAT T S - A C / D C S I N G L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com