Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBB20C-15H Datasheet(PDF) 2 Page - Powerbox

Part # PBB20C-15H
Description  A C / D C S I N G L E O U T P U T S U P P LY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB20C-15H Datasheet(HTML) 2 Page - Powerbox

  PBB20C-15H Datasheet HTML 1Page - Powerbox PBB20C-15H Datasheet HTML 2Page - Powerbox PBB20C-15H Datasheet HTML 3Page - Powerbox PBB20C-15H Datasheet HTML 4Page - Powerbox PBB20C-15H Datasheet HTML 5Page - Powerbox PBB20C-15H Datasheet HTML 6Page - Powerbox PBB20C-15H Datasheet HTML 7Page - Powerbox PBB20C-15H Datasheet HTML 8Page - Powerbox PBB20C-15H Datasheet HTML 9Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Powering Progress – www.powerbox.com.au
2
Doc. No. PBB20C Rev.E 25-11-15
SELECTION TABLE
PBB20C Series
A C / D C S I N G L E O U T P U T S U P P L Y
MODEL NUMBER
OUTPUT
VOLTAGE ADJ
POWER
PBB20C-5D
5V
2A
4.5V - 5.5V
10W
PBB20C-12D
12V
0.9A
10V - 13.2V
10W
PBB20C-24D
24V
0.5A
19.2V - 27V
10W
PBB20C-3.3F
3.3V
3A
2.85V - 3.6V
15W
PBB20C-5F
5V
3A
4.5V - 5.5V
15W
PBB20C-9F
9V
1.7A
7.5V - 10V
15W
PBB20C-12F
12V
1.3A
10V - 13.2V
15W
PBB20C-15F
15V
1A
13.2V - 18V
15W
PBB20C-24F
24V
0.7A
19.2V - 27V
15W
PBB20C-48F
48V
0.35A
39V - 53V
15W
PBB20C-3.3H
3.3V
6A
2.85V - 3.6V
30W
PBB20C-5H
5V
6A
4.5V - 5.5V
30W
PBB20C-9H
9V
3.4A
7.5V - 10V
30W
PBB20C-12H
12V
2.5A
10V - 13.2V
30W
PBB20C-15H
15V
2A
13.2V - 18V
30W
PBB20C-24H
24V
1.3A
19.2V - 27V
30W
PBB20C-48H
48V
0.65A
39V - 53V
30W
PBB20C-3.3J
3.3V
10A
2.85V - 3.6V
50W
PBB20C-5J
5V
10A
4V - 5.5V
50W
PBB20C-9J
9V
5.6A
7.5V - 10V
50W
PBB20C-12J
12V
4.3A
10V - 13.2V
50W
PBB20C-15J
15V
3.5A
13.2V - 18V
50W
PBB20C-24J
24V
2.2A
19.2V - 27V
50W
PBB20C-36J
36V
1.4A
28.8V - 39V
50W
PBB20C-48J
48V
1.1A
39V - 53V
50W
PBB20C-3.3L
3.3V
15A
2.85V - 3.6V
75W
PBB20C-5L
5V
15A
4V - 5.5V
75W
PBB20C-9L
9V
8.4A
7.5V - 10V
75W
PBB20C-12L
12V
6.3A
10V - 13.2V
75W
PBB20C-15L
15V
5A
13.2V - 18V
75W
PBB20C-24L
24V
3.2A
19.2V - 27V
75W
PBB20C-36L
36V
2.1A
28.8V - 39V
75W
PBB20C-48L
48V
1.6A
39V - 53V
75W
PBB20C-3.3M
3.3V
20A
2.85V - 3.6V
100W
PBB20C-5M
5V
20A
4V - 5.5V
100W
PBB20C-9M
9V
10.5
7.5V - 10V
100W
PBB20C-12M
12V
8.5A
10V - 13.2V
100W
PBB20C-15M
15V
7A
13.2V - 18V
100W
PBB20C-24M
24V
4.5A
19.2V - 27V
100W
PBB20C-36M
36V
2.8A
28.8V - 39V
100W
PBB20C-48M
48V
2.1A
39V - 53V
100W
PBB20C-3.3R
3.3V
30A
2.85V - 3.6V
150W
PBB20C-5R
5V
30A
4V - 5.5V
150W
PBB20C-9R
9V
16.7A
7.5V - 10V
150W
PBB20C-12R
12V
13A
10V - 13.2V
150W
PBB20C-15R
15V
10A
13.2V - 18V
150W
PBB20C-24R
24V
6.5A
19.2V - 27V
150W
PBB20C-36R
36V
4.3A
28.8V - 39V
150W
PBB20C-48R
48V
3.3A
39V - 53V
150W


Similar Part No. - PBB20C-15H

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB20C-D POWERBOX-PBB20C-D Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12F POWERBOX-PBB20C-D12F Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12H POWERBOX-PBB20C-D12H Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12J POWERBOX-PBB20C-D12J Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D15F POWERBOX-PBB20C-D15F Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
More results

Similar Description - PBB20C-15H

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PM25A POWERBOX-PM25A Datasheet
302Kb / 2P
   2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
   A C / D C H I G H S U R G E S U P P LY
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com