Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD7504 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD7504
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7504 Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7504 Datasheet HTML 1Page - ON Semiconductor ESD7504 Datasheet HTML 2Page - ON Semiconductor ESD7504 Datasheet HTML 3Page - ON Semiconductor ESD7504 Datasheet HTML 4Page - ON Semiconductor ESD7504 Datasheet HTML 5Page - ON Semiconductor ESD7504 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESD7504
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
RDYN
Dynamic Resistance
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Uni−Directional TVS
IPP
IPP
V
I
IR
IT
VRWM
VCL VBR
VCL
RDYN
RDYN
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
3.3
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
4.0
5.0
V
Reverse Leakage Current
IR
VRWM = 3.3 V, I/O Pin to GND
1.0
mA
Clamping Voltage
(Note 1)
VC
IEC61000−4−2, ±8 kV Contact
See Figures 1 and 2
V
Clamping Voltage
TLP (Note 2)
See Figures 5 through 6
VC
IPP = 8 A
IPP = −8 A
IEC 61000−4−2 Level 2 equivalent
(±4 kV Contact, ±4 kV Air)
10.2
−4.5
V
IPP = 16 A
IPP = −16 A
IEC 61000−4−2 Level 4 equivalent
(±8 kV Contact, ±15 kV Air)
13.7
−8.1
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins and GND
0.55
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. For test procedure see Figures 3 and 4 and application note AND8307/D.
2. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
Figure 1. IEC61000−4−2 +8 kV Contact
Clamping Voltage
Figure 2. IEC61000−4−2 −8 kV Contact
Clamping Voltage
TIME (ns)
TIME (ns)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−20
0
20
40
60
80
100
140
120
90
80
70
60
50
40
30
20
10
0
−10
−20
0
20
40
60
80
100
140
120
10


Similar Part No. - ESD7504

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ESD7504 UMW-ESD7504 Datasheet
354Kb / 4P
   The ESD7504 surge protection is designed to protect high speed data lines from ESD.
ESD7504MUTAG UMW-ESD7504MUTAG Datasheet
354Kb / 4P
   The ESD7504 surge protection is designed to protect high speed data lines from ESD.
More results

Similar Description - ESD7504

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com