Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11899J-TRM-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB11899J-TRM-E
Description  Three-in-One Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11899J-TRM-E Datasheet(HTML) 1 Page - ON Semiconductor

  LB11899J-TRM-E Datasheet HTML 1Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 2Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 3Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 4Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 5Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 6Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 7Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 8Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
O3013NK B8-8617 No.A2229-1/16
Semiconductor Components Industries, LLC, 2013
October, 2013
http://onsemi.com
LB11899J
Overview
LB11899J is a three-in-one motor driver for portable VCR.
Function
• Capstan motor drive unit
3-phase, 120 degrees full conducting, direct PWM drive
Built in PWM oscillator
Current limiter (It is fixed internally and setup externally.)
Forward/reverse rotation
2 levels FG amplifier (Built-in gain resistor)
Control amplifier output pin
Over voltage protection function Built-in
• Drum motor drive unit
3-phase, 120 degrees full conducting soft switching sensorless drive
FG sensorless function
2 levels PG amplifier
FG and PG mixing output (Separated output is also possible.)
Over voltage protection function Built-in
• Loading motor drive unit
H-bridge forward/reverse rotation
Motor voltage switch
Short brake
Input control for 3 values
Over voltage protection function Built-in
• Common unit
Over-heat protection function (Thermal Shut Down)
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
IC power source voltage
VCC max
6.5
V
Motor power source 1
CVCO max
30.0
V
Motor power source 2
DVCO max
30.0
V
Motor power source 2
LVCO max
30.0
V
Applied input voltage
VI1 max
-0.3 to VCC+0.3
V
Motor output current1
ICOUT max
Peak current
1.1
A
Motor output current2
IDOUT max
Peak current ( within 2sec)
0.65
A
IDOUT2max
Constant current
0.2
A
Motor output current3
ILOUT max
Peak current (within 2sec)
0.65
A
ILOUT2max
Constant current
0.2
A
Continued on next page.
Ordering number : ENA2229
Monolithic Digital IC
Three-in-One Motor Driver
for Portable VCR
ORDERING INFORMATION
See detailed ordering and shipping information on page 16 of this data sheet.
SSOP44J(275mil)


Similar Part No. - LB11899J-TRM-E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

Similar Description - LB11899J-TRM-E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56202 PHILIPS-SA56202 Datasheet
117Kb / 24P
   One-chip motor driver
Rev. 01-19 July 2004
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
logo
Sanyo Semicon Device
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2182 AMTEK-AM2182 Datasheet
370Kb / 12P
   One Channel Reversible Motor Driver
Mar, 2014 V1.1
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com