Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRAF2H100 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRAF2H100
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRAF2H100 Datasheet(HTML) 3 Page - ON Semiconductor

  MBRAF2H100 Datasheet HTML 1Page - ON Semiconductor MBRAF2H100 Datasheet HTML 2Page - ON Semiconductor MBRAF2H100 Datasheet HTML 3Page - ON Semiconductor MBRAF2H100 Datasheet HTML 4Page - ON Semiconductor MBRAF2H100 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRAF2H100
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1
10
100
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0.1
1
10
100
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
90
80
60
50
30
20
10
0
0.00001
0.0001
0.001
0.01
0.1
1
10
90
80
60
50
30
20
10
0
0.001
0.01
0.1
1
10
1.2
1.1
1.0
150
°C
125
°C
25
°C
150
°C
125
°C
25
°C
40
70
100
150
°C
125
°C
25
°C
40
70
100
150
°C
125
°C
25
°C
Figure 5. Typical Capacitance
VR, REVERSE VOLTAGE (V)
80
70
60
50
30
20
10
0
0
50
100
150
200
300
400
450
40
90
100
250
350
TJ = 25°C
f = 1 MHz
Figure 6. Current Derating
TC, LEAD TEMPERATURE (°C)
70
50
30
10
0
0
1
2
3
4
90
150
RqJL = 25°C/W
110
130
Square Wave
DC


Similar Part No. - MBRAF2H100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRAF2H100 ONSEMI-MBRAF2H100 Datasheet
63Kb / 5P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 3
MBRAF2H100G ONSEMI-MBRAF2H100G Datasheet
104Kb / 5P
   Surface Mount Schottky Power Rectifier
July, 2012 ??Rev. 0
MBRAF2H100T3G ONSEMI-MBRAF2H100T3G Datasheet
104Kb / 5P
   Surface Mount Schottky Power Rectifier
July, 2012 ??Rev. 0
MBRAF2H100T3G ONSEMI-MBRAF2H100T3G Datasheet
63Kb / 5P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 3
MBRAF2H100 ONSEMI-MBRAF2H100_16 Datasheet
63Kb / 5P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 3
More results

Similar Description - MBRAF2H100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com