Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVB2045MFST1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRVB2045MFST1G
Description  Switch Mode Power Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB2045MFST1G Datasheet(HTML) 4 Page - ON Semiconductor

  NRVB2045MFST1G Datasheet HTML 1Page - ON Semiconductor NRVB2045MFST1G Datasheet HTML 2Page - ON Semiconductor NRVB2045MFST1G Datasheet HTML 3Page - ON Semiconductor NRVB2045MFST1G Datasheet HTML 4Page - ON Semiconductor NRVB2045MFST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR2045MFS, NRVB2045MFS
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
7
8
01
23
4
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
IAPK/IAV = 20
IAPK/IAV = 10
IAPK/IAV = 5
SQUARE WAVE
DC
0.001
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 8. Thermal Response
PULSE TIME (sec)
10%
Duty Cycle = 50%
20%
5%
2%
1%
Single Pulse
Assumes 25
°C ambient and soldered to
a 600 mm2 − oz copper pad on PCB


Similar Part No. - NRVB2045MFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVB2045EMFS ONSEMI-NRVB2045EMFS Datasheet
63Kb / 5P
   Switch-mode Power Rectifiers
May, 2014 ??Rev. 1
NRVB2045EMFST1G ONSEMI-NRVB2045EMFST1G Datasheet
63Kb / 5P
   Switch-mode Power Rectifiers
May, 2014 ??Rev. 1
NRVB2045EMFST3G ONSEMI-NRVB2045EMFST3G Datasheet
63Kb / 5P
   Switch-mode Power Rectifiers
May, 2014 ??Rev. 1
More results

Similar Description - NRVB2045MFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com