Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN5110MNTWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCN5110MNTWG
Description  Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN5110MNTWG Datasheet(HTML) 1 Page - ON Semiconductor

  NCN5110MNTWG Datasheet HTML 1Page - ON Semiconductor NCN5110MNTWG Datasheet HTML 2Page - ON Semiconductor NCN5110MNTWG Datasheet HTML 3Page - ON Semiconductor NCN5110MNTWG Datasheet HTML 4Page - ON Semiconductor NCN5110MNTWG Datasheet HTML 5Page - ON Semiconductor NCN5110MNTWG Datasheet HTML 6Page - ON Semiconductor NCN5110MNTWG Datasheet HTML 7Page - ON Semiconductor NCN5110MNTWG Datasheet HTML 8Page - ON Semiconductor NCN5110MNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 0
1
Publication Order Number:
NCN5110/D
NCN5110
Transceiver for KNX
Twisted Pair Networks
Introduction
NCN5110 is a receiver−transmitter IC suitable for use in KNX
twisted pair networks (KNX TP1−256). It supports the connection of
actuators, sensors, microcontrollers, switches or other applications in
a building network.
NCN5110 handles the transmission and reception of active pulses
on the bus. It generates from the unregulated bus voltage stabilized
voltages for its own power needs as well as to power external devices,
for example, a microcontroller.
NCN5110 assures safe coupling to and decoupling from the bus.
Bus monitoring warns the external microcontroller in case of loss of
power so that critical data can be stored in time.
Key Features
Supervision of KNX Bus Voltage and Current
Supports Bus Current Consumption up to 40 mA
High Efficient DC−DC Converters
3.3 V Fixed
1.2 V to 21 V Selectable
Control and Monitoring of Power Regulators
Linear 20 V Regulator
Direct Coupling of Analog Signaling to Host
No Crystal Required
Optional Clock of 8 or 16 MHz for External Devices
Temperature Monitoring
Extended Operating Temperature Range −40°C to +105°C
These Devices are Pb−Free and are RoHS Compliant
www.onsemi.com
QFN40
MN SUFFIX
CASE 485AU
See detailed ordering and shipping information in the package
dimensions section on page 23 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
MARKING DIAGRAM
40
1
NCN5110
21420−003
AWLYYWWG


Similar Part No. - NCN5110MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5110MNTWG ONSEMI-NCN5110MNTWG Datasheet
289Kb / 24P
   Transceiver for KNX Twisted Pair Networks
September, 2016 ??Rev. 1
More results

Similar Description - NCN5110MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
78P2241 ETC-78P2241 Datasheet
132Kb / 23P
   Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
Texas Instruments
SN75LBC773 TI-SN75LBC773 Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com