Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE3018-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GE3018-P1J
Description  30W AC-DC Interchangeable Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GE3018-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GE3018-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GE3018-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GE3018-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Interchangeable AC plug specifically for GE series
SPECIFICATION
GE30 series
File Name:GE30-SPEC 2015-12-09
30W AC-DC Interchangeable Industrial Adaptor
TYPE
ORDER NO.
Australian type
U.K type
European type
US type
Mix four type
AC plug-AU
AC plug-UK
AC plug-EU
AC plug-US
AC plug-MIX
GE30 12-P1J
GE30 15-P1J
GE30 18-P1J
GE30 24-P1J
IIII
POWER SUPPLY MAIN BODY ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
OUTPUT
SETUP, RISE, HOLD UP TIME
VOLTAGE RANGE
Note.7
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
INRUSH CURRENT (max.)
LEAKAGE CURRENT (max.)
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
LIFE
DIMENSION
OTHERS
DC OUTPUT
NOTE
PLUG
CABLE
OVERLOAD
OVER VOLTAGE
12V
15V
18V
24V
2.5A
2A
1.66A
1.25A
CURRENT RANGE
0 ~ 2.5A
0 ~ 2A
0 ~ 1.66A
0 ~ 1.25A
RIPPLE & NOISE (max.) Note.3 120mVp-p
150mVp-p
180mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±3.0%
±3.0%
±1.0%
±1.0%
±1.0%
±1.0%
±3.0%
±3.0%
±3.0%
±3.0%
±3.0%
±3.0%
4000ms, 100ms, 30ms / 230VAC
4000ms, 100ms, 10ms / 115VAC at full load
90 ~ 264VAC
135 ~ 370VDC
47 ~ 63Hz
0.7A / 100VAC
0.4A / 230VAC
COLD START 40A / 100VAC
80A / 230VAC
0.25mA / 240VAC
110% ~ 200% rated output power
115% ~ 135% rated output voltage
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
100Khrs min.
MIL-HDBK-217F (25
)
2 years : 100% load 30
, 8 hours / day
-10 ~ +50
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-20 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0 ~ 30
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
81*43*40.5mm (L*W*H)
CONNECTOR
RATED POWER (max.)
30W
30W
30W
30W
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Clamp by zener diode
ENVIRONMENT
PROTECTION
UL60950-1, CSA C22.2, TUV EN60950 -1, AS/NZS 60950.1, CCC GB4943 approved
I/P-O/P:4242VDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
Compliance to EN55022, EN61000-3-2,3, FCC part15, GB9254 class B, GB17625.1
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
PACKING
134g ; 50pcs / 8.4kg / CARTON
84%
86%
87%
87%
EMC IMMUNITY
EMC EMISSION
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 10% to 100% rated load
7.Derating may be needed under low input voltage. Please check the derating curve for more details.
8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
9.Main body unit and AC inlet plug should be ordered separately ; it needs to be used along with any of the AC inlet plug.
SAFETY &
EMC
(Note. 8)
IIII
GE30 12
GE30 15
GE30 18
GE30 24


Similar Part No. - GE3018-P1J

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GE3010 PERKINELMER-GE3010 Datasheet
62Kb / 2P
   PHOTON COUPLED ISOLATOR
GE3011 PERKINELMER-GE3011 Datasheet
62Kb / 2P
   PHOTON COUPLED ISOLATOR
GE3012 PERKINELMER-GE3012 Datasheet
62Kb / 2P
   PHOTON COUPLED ISOLATOR
More results

Similar Description - GE3018-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GE40 MEANWELL-GE40 Datasheet
489Kb / 5P
   40W AC-DC Interchangeable Industrial Adaptor
GEM40I MEANWELL-GEM40I Datasheet
523Kb / 5P
   40W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
   18W AC-DC High Reliability Interchangeable Medical Adaptor
GEM06I MEANWELL-GEM06I Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM60I MEANWELL-GEM60I Datasheet
521Kb / 5P
   60W AC-DC Reliable Green Interchangeable Medical Adaptor
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST60A MEANWELL-GST60A Datasheet
394Kb / 3P
   60W AC-DC High Reliability Industrial Adaptor
GP25A MEANWELL-GP25A Datasheet
98Kb / 3P
   25W AC-DC Triple Output Industrial Adaptor
GP25B MEANWELL-GP25B Datasheet
96Kb / 3P
   25W AC-DC Triple Output Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com