Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSM60B Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GSM60B
Description  60WAC-DC High Reliability Medical Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM60B Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GSM60B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM60B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSM60B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
File Name:GSM60B-SPEC 2015-11-02
GSM60B series
Derating Curve
AMBIENT TEMPERATURE ( )
(HORIZONTAL)
-30
0
20
10
30
40
20
50
70
100
60
50
70
Static Characteristics
INPUT VOLTAGE (VAC) 60Hz
80
100
90
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
Mechanical Specification
Case No. GSM60B
Unit:mm
125
31.5
POWER LED
Inside
Outside
ID 2.1 x OD 5.5
C"+"
70
10mm
±
11
0.5mm
±
U 2464 16AWG 1000
50mm for 5 ~
V
L15
±
UL1185 16AWG 1500
50mm for 18 ~ 48V
±
Plug Assignment
Standard plug: P1J
Optional lock type plug: P2S
SWITCHCRAFT S761K plug equivalent
P/N
OUTPUT
CENTER
+
P1J
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
60W AC-DC
Medical Adaptor
High Reliability


Similar Part No. - GSM60B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
logo
StarHope
GSM600C SPSEMI-GSM600C Datasheet
196Kb / 3P
   Gas Discharge Tube
GSM600D SPSEMI-GSM600D Datasheet
197Kb / 3P
   Gas Discharge Tube
GSM600E SPSEMI-GSM600E Datasheet
197Kb / 3P
   Gas Discharge Tube
GSM600F SPSEMI-GSM600F Datasheet
236Kb / 3P
   Gas Discharge Tube
More results

Similar Description - GSM60B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM120B MEANWELL-GSM120B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM90B MEANWELL-GSM90B Datasheet
105Kb / 3P
   90WAC-DC High Reliability Medical Adaptor
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
   25W AC-DC High Reliability Medical Adaptor
GSM160B MEANWELL-GSM160B Datasheet
556Kb / 3P
   160W AC-DC High Reliability Medical Adaptor
GSM220B MEANWELL-GSM220B Datasheet
578Kb / 3P
   220W AC-DC High Reliability Medical Adaptor
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
   12W AC-DC High Reliability Interchangeable Medical Adaptor
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
   18W AC-DC High Reliability Interchangeable Medical Adaptor
GST160A MEANWELL-GST160A Datasheet
98Kb / 3P
   160WAC-DC High Reliability Industrial Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com