Electronic Components Datasheet Search |
|
FSP300-70PFL Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC. |
|
FSP300-70PFL Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC. |
|
1 / 1 page DESCRIPTION FSP300-70PFL is an industrial level of switching power supply. The power supply comes to offer the total power capacity up to 300 Watts, and uses unique active PFC (Power Factor C orrection) circuit design with its high-load electrical components, makes it to be perfectly used in an industrial environment. In addition, with its full range of input and output electrical features, the power supply is ideally the best choice for server, workstation, communication or any other automation applications to use. The product also complies with the latest safety and EMC standards, which is perfectly to meet various regulations worldwide. APPLICATION For standard, advanced workstation, server and industrial power system. FEATURES 85 Plus Bronze Low Ripple & Noise Output over voltage protection Short circuit protection on all outputs Resettable power shut down 100% burn-in under high ambient temperature(50℃) Vacuum-impregnated transformer MTBF:100K hours at 25℃ 100% Hi-pot tested Line input fuse protection W ATTAGE Wattage: 300W DIMENSION Dimension: 140mm(L) x 150mm(W) x 86mm(H) PRODUCT HIGHLIGHT Efficiency Lev el: 80 Plus Bronze Altitude: 2000M PMBus: For standard, advanced workstation, server and industrial power system. INPUT SPECIFICATION Input Range: 90-264 Vac Input F requency : 47-63 Hz Input Current: 115V@ 6.0 Amps-rms maximum 230V@ 3.0 Amps-rms maximum GENERAL SPECIFICATION Effciency : 92% 230VAC Voltage Regulation: +3.3V, +12V, +5V, +5SB: ±5% -12V: ±10% SAFETY STANDARD APPAOVAL OUTPUT SPECIFICATION Hold up Time: 115V/60Hz 13mSec. Minimum@100% Load, 230V/50Hz 13mSec. Minimum,@100% Load Ouput Voltage Regulation: +3.3Vdc output : +3.7 Vdc minimum, + 4.8Vdc maximum +5Vdc output : +5.7 Vdc minimum, + 7Vdc maximum +12Vdc output : +13.3 Vdc minimum, + 16Vdc maximum Output Rise Time: 115V-rms/230V-rms 5V 20ms Maximum 115V-rms/230V-rms 12V 20ms Maximum Ripple & Noise: 3.3V:50mV p-p 5V:50mV p-p 12V1:120mV p-p 12V2:120mV p-p -12V:120mV p-p 5Vsb:50mV p-p -5V:100mV p-p ENVIRONMENTAL SPECIFICATION TEMP.Range: Storage Temperature: - 20°C to + 80℃ MTBF : The power supply have a minimum predicted MTBF(MIL-HDBK-217) of 100,000 hours of continuous operation at 25℃, maximum-output load, and nominal AC inout voltage *Output Voltage and C urrent Rating +3.3V +5V +12V1 +12V2 -12V -5V +5Vsb Ripple-Noise(R-P) mV 50mV 50mV 120mV 120mV 120mV 100mV 50mV Regulation Load % ±5% ±5% ±5% ±5% ±10% ±10% ±5% Output Max.(A) 19A 16A 17A 17A 0.5A 0.3A 3A Output Min.(A) 0.3A 0.5A 0.5A 0.5A 0A 0A 0.1A NOTES 5V, 3.3V, 12V, -12V Will gave the regulation to 10% when all load take off. The +3.3V and +5V total output shall not exceed 105 watts. The total output shall not exceed 300 watts *5V Option, +5vsb peak<=10ms. MECHANICAL SPECIFICATION T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il. FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice IPC PSU FSP300-70PFL |
Similar Part No. - FSP300-70PFL_15 |
|
Similar Description - FSP300-70PFL_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |