Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBBA-2412A Datasheet(PDF) 3 Page - Powerbox

Part # PBBA-2412A
Description  1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBA-2412A Datasheet(HTML) 3 Page - Powerbox

  PBBA-2412A Datasheet HTML 1Page - Powerbox PBBA-2412A Datasheet HTML 2Page - Powerbox PBBA-2412A Datasheet HTML 3Page - Powerbox PBBA-2412A Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Doc. No. PBC9 Rev.C 28-4-11
206
PBBA Series
1 . 5 - 1 0 W A T T S - D C / D C S I N G L E & M U L T I P L E O U T P U T
TECHNICAL ILLUSTRATIONS
PBBA-A
PBBA-D-A
PBBA-B
PBBA-D-B
MODEL
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
A
OUTPUT
POWER
WATT
PBBA-24D12C
18-36
±12 or +24
0.25
6W
PBBA-24D15C
18-36
±15 or +30
0.2
6W
PBBA-48D12C
36-76
±12 or +24
0.25
6W
PBBA-48D15C
36-76
±15 or +30
0.2
6W
PBBA-05D12D
4.5-9
±12 or +24
0.45
10W
PBBA-05D15D
4.5-9
±15 or +30
0.35
10W
PBBA-12D12D
9-18
±12 or +24
0.45
10W
PBBA-12D15D
9-18
±15 or +30
0.35
10W
PBBA-24D12D
18-36
±12 or +24
0.45
10W
PBBA-24D15D
18-36
±15 or +30
0.35
10W
PBBA-48D12D
36-76
±12 or +24
0.45
10W
PBBA-48D15D
36-76
±15 or +30
0.35
10W


Similar Part No. - PBBA-2412A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-2412A POWERBOX-PBBA-2412A Datasheet
161Kb / 6P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - PBBA-2412A

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com