Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBDRD15-05 Datasheet(PDF) 2 Page - Powerbox

Part # PBDRD15-05
Description  D I N R A I L D C / D C C O N V E R T E R
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBDRD15-05 Datasheet(HTML) 2 Page - Powerbox

  PBDRD15-05 Datasheet HTML 1Page - Powerbox PBDRD15-05 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
PBDRD15 Series
D I N R A I L D C / D C C O N V E R T E R
TECHNICAL ILLUSTRATIONS
SELECTION TABLE
Doc. No. PBDRD15 Rev.B 18-12-15
MODEL
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
POWER
PBDRD15-03
9-36Vdc
3.3V
3.5A
11.5W
PBDRD15-05
9-36Vdc
5V
2.7A
13.5W
PBDRD15-09
9-36Vdc
9V
1.5A
13.5W
PBDRD15-12
9-36Vdc
12V
1.25A
15W
PBDRD15-15
9-36Vdc
15V
1A
15W
PBDRD15-24
9-36Vdc
24V
0.63A
15W


Similar Part No. - PBDRD15-05

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDRD30 POWERBOX-PBDRD30 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
PBDRD30-05 POWERBOX-PBDRD30-05 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
PBDRD30-09 POWERBOX-PBDRD30-09 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
PBDRD30-12 POWERBOX-PBDRD30-12 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
PBDRD30-15 POWERBOX-PBDRD30-15 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
More results

Similar Description - PBDRD15-05

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDRD30 POWERBOX-PBDRD30 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
PBB6A POWERBOX-PBB6A Datasheet
417Kb / 3P
   C O S E L S I N G L E / D U A L D C / D C C O N V E R T E R
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
   D C / D C A U T O M O T I V E C O N V E R T E R
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
   D C / D C A U T O M O T I V E C O N V E R T E R
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
Insel Rectifier India P...
DS7000SK IRI-DS7000SK Datasheet
1Mb / 4P
   S T A N D A R D R E C O V E R Y D I O D E
logo
Powerbox
DCM-VICHIP POWERBOX-DCM-VICHIP Datasheet
208Kb / 2P
   D C / D C C O N V E R T E R M O D U L E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com