Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBI2H-1248F Datasheet(PDF) 2 Page - Powerbox

Part # PBI2H-1248F
Description  1 5 - 5 0 W A T T S D C / D C S I N G L E O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBI2H-1248F Datasheet(HTML) 2 Page - Powerbox

  PBI2H-1248F Datasheet HTML 1Page - Powerbox PBI2H-1248F Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
89
PBI2H Series
1 5 - 5 0 W A T T S S I N G L E O U T P U T
PBI2H-F (15W)
PBI2H-J (50W)
TECHNICAL ILLUSTRATIONS
PBI2H-G (25W)


Similar Part No. - PBI2H-1248F

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBI2H-1248F POWERBOX-PBI2H-1248F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
More results

Similar Description - PBI2H-1248F

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBIC POWERBOX-PBIC Datasheet
966Kb / 4P
   1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
   5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
   1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBI6C POWERBOX-PBI6C Datasheet
792Kb / 3P
   5 0 - 1 5 0 WAT T S A C / D C S I N G L E O U T P U T WI T H R E M O T E C O N T R O L
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com