Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBI3H-1205M-U1 Datasheet(PDF) 1 Page - Powerbox

Part # PBI3H-1205M-U1
Description  1 0 0 WAT T S D C / D C S W I T C H I N G P O W E R S U P P LY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBI3H-1205M-U1 Datasheet(HTML) 1 Page - Powerbox

  PBI3H-1205M-U1 Datasheet HTML 1Page - Powerbox PBI3H-1205M-U1 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.D 11-12-13
93
PBI3H Series
100 W A TTS DC/DC SWITCHING POWER SUPPL Y
INPUT
Input voltage
12VDC (9.6-16)
24VDC (19~32)
48VDC (38~63)
110VDC (85~140)
Inrush current
12VDC (6.18A - 8.26A)
24VDC (3.3A - 5.4A)
48VDC (1.65A -2.64A)
110VDC (0.725A - 1.16A)
Efficiency (typical) *1
89% - 94%
Switching Frequency
125kHz fix
OUTPUT
Output voltage
3.3Vdc - 24Vdc
Output Current
22.0A - 5.0A
Voltage adjustment
±10% of Rated Output Voltage
Ripple & noise(max.) *2
150mV - 350mV
Line regulation
26mV - 190mV
Load regulation
30mV - 216mV
Temperature coefficient *3
0.03 % / °C
Drift *4
32mV - 135mV
Dynamic Load Regulation *5
±150mV - ±720mV
Recovery Time *5
20mS
Rise Time
200mS(500mS for NVDxSD
Series)(maximum) at 25C and rated
input/output
OPERATING
Over current Protection *6
Current Limitting
Over voltage Protection
Latch Type (output shutdown)
Input Voltage Protection
Output shutdown when input voltage
remains under the input range for 3
seconds (typ.)
Thermal Protection
Output shutdown when input voltage
remains under the input range for 3
seconds (typ.)
ENVIRONMENTAL
Operating temperature
-10 to 71°C
Temperature derating
3.5%/C(50C to 71C)
Operating Humidity
20-80%/RH (non-condensing)
Storage temperature
-20 to +85°C
Humidity
20 to 90%/RH
Withstanding Voltage
Primary-Secondary AC2,000V at 10mA for
1minute/Primary-Frame Ground AC2,000V
at 10mA for 1minute/Secondary-Frame
Ground AC1,000V at 10mA for 1minute
Isolation Resistance
Primary-Secondary-Frame Ground 50M
ohm(minimum) by DC500V insulation tester
Vibration
5-10Hz:10mm double amplitude,10-
55Hz:19.6m/s2,20minutes' period for
30minutes each along X,Y,Z axes(non-
operating)
Shock
196m/s2
STANDARDS AND APPROVALS
Safety
UL60950,C-UL(CSA60950),CE
MECHANICAL
Dimension [mm]
65(W)x101(D)x34(H) mm(Not include output
terminal)
Weight
250g
FEATURES
Light weight, compact size
Din Rail Mountable
High efficiency, high reliability
Input under voltage protection
Over current, over voltage, thermal protection
UL, cUL, CE
SPECIFICATIONS
NOTE:
*1 at DC 12, 24, 48, 110V and rated output
*2 measured by a bayonet probe at the output connector at a 0 to
100MHz bandwidth
*3 at -10 to +71C
*4 for 7hour period after 1hour warm-up at 25C and rated
input/output
*5 when output current changed between 25% and 75% of rated
output current rapidly at rated input
*6 Latch timer type (for 110V input models). Output turns to hiccup
mode when output drops after over-load )


Similar Part No. - PBI3H-1205M-U1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBI04100 ETC2-PBI04100 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04101 ETC2-PBI04101 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04102 ETC2-PBI04102 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04103 ETC2-PBI04103 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04107 ETC2-PBI04107 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
More results

Similar Description - PBI3H-1205M-U1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBAMR1 POWERBOX-PBAMR1 Datasheet
384Kb / 2P
   1 0 WAT T S - A C / D C D I N R A I L S U P P LY
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
   5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
logo
E-Tech Electronics LTD
GJ1952 ETL-GJ1952 Datasheet
385Kb / 3P
   P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GI1952 ETL-GI1952 Datasheet
387Kb / 3P
   P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
logo
Powerbox
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
   7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com