Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBI2H-2412F Datasheet(PDF) 1 Page - Powerbox

Part # PBI2H-2412F
Description  1 5 - 5 0 W A T T S D C / D C S I N G L E O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBI2H-2412F Datasheet(HTML) 1 Page - Powerbox

  PBI2H-2412F Datasheet HTML 1Page - Powerbox PBI2H-2412F Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DOC. NO. PBC9 REV.C 28-4-11
88
INPUT
Input voltage
9.2–16V, 19–32V, 38–63V, 85–140V
OUTPUT
Output voltage
See table
Voltage adjustment
±10%
Output current
See table
Ripple & noise
(Output V x 1%) +100mV pk-pk
Line regulation
0.9% over input range
Load regulation
0.8% (0%–100%)
Temperature coefficient
0.03% per °C
Drift
(Output V x 0.5% +15mV) per 8 hrs
Overcurrent protection
Current limit
Overvoltage protection
Output shutdown
Rise time
500ms for PBI2H 110V inputs
100ms others
Holdup time
10ms typical
OPERATING
Efficiency
78%–-89%
Isolation
Input – Output: 2000VAC
Input – Case: 2000VAC
Output – Case: 500VAC
Insulation resistance
Input – Output – Case: 50Mž
ENVIRONMENTAL
Operating temperature
0°C to 50°C
Storage temperature
-20°C to 85°C
Cooling
Convection cooled
Humidity
85%
Vibration
5Hz–10Hz 10mm, 10Hz–55Hz 2G
Shock
30G
STANDARDS AND APPROVALS
Safety
Designed to UL1950
C-Tick
AS/NZS CISPR11 Group 1, Class A
FEATURES
• Low profile
• Overcurrent protection
• Overvoltage protection
• Output voltage adjustable
• Smaller sized
SELECTION TABLE
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PBI2H-1205F
9.2-16V
5V
3A
15W
PBI2H-1212F
9.2-16V
12V
1.3A
15W
PBI2H-1215F
9.2-16V
15V
1A
15W
PBI2H-1224F
9.2-16V
24V
0.7A
15W
PBI2H-1248F
9.2-16V
48V
0.35A
15W
PBI2H-2405F
19-32V
5V
3A
15W
PBI2H-2412F
19-32V
12V
1.3A
15W
PBI2H-2415F
19-32V
15V
1A
15W
PBI2H-2424F
19-32V
24V
0.7A
15W
PBI2H-2448F
19-32V
48V
0.35A
15W
PBI2H-4805F
38-63V
5V
3A
15W
PBI2H-4812F
38-63V
12V
1.3A
15W
PBI2H-4815F
38-63V
15V
1A
15W
PBI2H-4824F
38-63V
24V
0.7A
15W
PBI2H-4848F
38-63V
48V
0.35A
15W
PBI2H-11005F 85-140V
5V
3A
15W
PBI2H-11012F 85-140V
12V
1.3A
15W
PBI2H-11015F 85-140V
15V
1A
15W
PBI2H-11024F 85-140V
24V
0.7A
15W
PBI2H-11048F 85-140V
48V
0.35A
15W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PBI2H-1205G
9.2-16V
5V
5A
25W
PBI2H-1212G
9.2-16V
12V
2.1A
25W
PBI2H-1215G
9.2-16V
15V
1.7A
25W
PBI2H-1224G
9.2-16V
24V
1.1A
25W
PBI2H-1248G
9.2-16V
48V
0.5A
25W
PBI2H-2405G
19-32V
5V
5A
25W
PBI2H-2412G
19-32V
12V
2.1A
25W
PBI2H-2415G
19-32V
15V
1.7A
25W
PBI2H-2424G
19-32V
24V
1.1A
25W
PBI2H-2448G
19-32V
48V
0.5A
25W
PBI2H-4805G
38-63V
5V
5A
25W
PBI2H-4812G
38-63V
12V
2.1A
25W
PBI2H-4815G
38-63V
15V
1.7A
25W
PBI2H-4824G
38-63V
24V
1.1A
25W
PBI2H-4848G
38-63V
48V
0.5A
25W
PBI2H-11005G 85-140V
5V
5A
25W
PBI2H-11012G 85-140V
12V
2.1A
25W
PBI2H-11015G 85-140V
15V
1.7A
25W
PBI2H-11024G 85-140V
24V
1.1A
25W
PBI2H-11048G 85-140V
48V
0.5A
25W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PBI2H-1205J
9.2-16V
5V
8A
40W
PBI2H-1212J
9.2-16V
12V
3.3A
40W
PBI2H-1215J
9.2-16V
15V
2.7A
40W
PBI2H-1224J
9.2-16V
24V
1.7A
40W
PBI2H-1248J
9.2-16V
48V
0.8A
40W
PBI2H-2405J
19-32V
5V
10A
50W
PBI2H-2412J
19-32V
12V
4.3A
50W
PBI2H-2415J
19-32V
15V
3.4A
50W
PBI2H-2424J
19-32V
24V
2.5A
50W
PBI2H-2448J
19-32V
48V
1.1A
50W
PBI2H-4805J
38-63V
5V
10A
50W
PBI2H-4812J
38-63V
12V
4.3A
50W
PBI2H-4815J
38-63V
15V
3.4A
50W
PBI2H-4824J
38-63V
24V
2.5A
50W
PBI2H-4848J
38-63V
48V
1.1A
50W
PBI2H-11005J 85-140V
5V
10A
50W
PBI2H-11012J 85-140V
12V
4.3A
50W
PBI2H-11015J 85-140V
15V
3.4A
50W
PBI2H-11024J 85-140V
24V
2.5A
50W
PBI2H-11048J 85-140V
48V
1.1A
50W
PBI2H Series
1 5 - 5 0 W A T T S D C / D C S I N G L E O U T P U T
SPECIFICATIONS


Similar Part No. - PBI2H-2412F

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBI2H-2412F POWERBOX-PBI2H-2412F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
More results

Similar Description - PBI2H-2412F

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBIC POWERBOX-PBIC Datasheet
966Kb / 4P
   1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
   5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
   1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBI6C POWERBOX-PBI6C Datasheet
792Kb / 3P
   5 0 - 1 5 0 WAT T S A C / D C S I N G L E O U T P U T WI T H R E M O T E C O N T R O L
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com