Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GST280A12-C6P Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # GST280A12-C6P
Description  280W AC-DC High Reliability Industrial Adaptor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST280A12-C6P Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  GST280A12-C6P Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST280A12-C6P Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST280A12-C6P Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GST280A12-C6P Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GST280A series
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Connector Assignment
1
2
3
4
-V connected to AC FG
C4P
PIN NO.
1,2
3,4
OUTPUT
+V
-V
① Output connector : Housing AMP 1-480702-0 with inner pin 9848TP (6.35mm) equivalent
Mating connector (customer side, not provided with the power supply) : Housing AMP 1-480703-0 with inner
pin 9848TR (6.35mm) equivalent
-V connected to AC FG
C6P
PIN NO.
1,2,3
4,5,6
OUTPUT
+V
-V
3
2
1
6
5
4
-V connected to AC FG
R7BF
PIN NO.
1,4
2,3
OUTPUT
+V
-V
-V connected to AC FG
MIC4
PIN NO.
1,2
3,4
OUTPUT
+V
-V
③ Output connector : NEUTRIK XLR NC4FX equivalent
Mating connector (customer side, not provided with the power supply) :NEUTRIK XLR NC4MX equivalent
4
1
3
2
File Name:GST280A-SPEC 2015-09-07
connectors: C4P, R7BF, MIC4
Optional
② Output connector : KYCON KPJX-CM-4S equivalent
Mating connector (customer side, not provided with the power supply) :KYCON KPPX-4P equivalent
1
2
4
3
Standard connector: C6P
Output connector : MOLEX 39-01-2060 (4.2mm) equivalent
Mating connector (customer side, not provided with the power supply) : MOLEX 39-01-2061(4.2mm) equivalent
280W AC-DC High Reliability Industrial Adaptor


Similar Part No. - GST280A12-C6P

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST220A12-R7B MEANWELL-GST220A12-R7B Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST220A15-R7B MEANWELL-GST220A15-R7B Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST220A20-R7B MEANWELL-GST220A20-R7B Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST220A24-R7B MEANWELL-GST220A24-R7B Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
More results

Similar Description - GST280A12-C6P

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST60A MEANWELL-GST60A Datasheet
394Kb / 3P
   60W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com