Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-45-5ST Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # IRM-45-5ST
Description  45W Single Output Encapsulated Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRM-45-5ST Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  IRM-45-5ST Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRM-45-5ST Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRM-45-5ST Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IRM-45-5ST Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Screw terminal style
Mechanical Specification
Mechanical Specification
Case No.IRM60
Unit:mm
PCB mounting style
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Installation Manual
AC/L, AC/N P/N diameter:1ψ
+V, -V P/N diameter:2ψ
4-ψ3.5
6.7
33.5
33
52
AC/L AC/N
7.5
-V +V +V
-V
5
5
5
3.5±1mm
BOTTOM
VIEW
-V
+V
AC/L
AC/N
5.7
76
87
29.5
File Name:IRM-45-SPEC 2015-03-17
45W Single Output Encapsulated Type
I R M - 4 5 series


Similar Part No. - IRM-45-5ST

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
   45W Single Output Encapsulated Type
2015-03-17
More results

Similar Description - IRM-45-5ST

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
   45W Single Output Encapsulated Type
2015-03-17
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
   45W Single Output Medical Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
   45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45_11 Datasheet
305Kb / 2P
   45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
   45W Single Output Medical Type
logo
Astrodyne Corporation
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
   45W Single Output for Medical Type
MPS45 ASTRODYNE-MPS45 Datasheet
337Kb / 4P
   45W Single Output for Medical Type
logo
Mean Well Enterprises C...
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
   30W Single Output Encapsulated Type
IRM-60 MEANWELL-IRM-60 Datasheet
3Mb / 4P
   60W Single Output Encapsulated Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com