Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRG70A120-21E11-V Datasheet(PDF) 1 Page - Powerbox

Part # TRG70A120-21E11-V
Description  7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

TRG70A120-21E11-V Datasheet(HTML) 1 Page - Powerbox

  TRG70A120-21E11-V Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
286
TRG70A Series
70 W A TTS - AC/DC GENERAL SINGLE OUTPUT
INPUT
Voltage range
90 to 264Vac
Frequency
50Hz to 60Hz
Inrush current
60A max @ 240Vac
Isolation
Input to Output 4,242Vac
Leakage current
3.5mA max.
OUTPUT
Output voltage
Factory preset, see table (not adjustable)
Voltage set-point
+/-2% (60% load)
Ripple and noise
1% p-p max
Short circuit protection
Continuous (Auto recovery)
Over voltage protection
Yes
Hold-up time
8ms typ @ 115Vac
Load regulation
+/-2 to +/-5% (20% to 100% load)
Model dependent
Line regulation
+/-1% max 100Vac to 240Vac at full load
ENVIRONMENTAL
Operating temperature
0°C to +60°C
Load derating
Derate from 100% at 40°C linearly to 50% at
60°C
Storage temperature
-20°C to +85°C
STANDARDS AND APPROVALS
Safety standards
Queensland Electrical Safety Office
Certificate of approval Qld Q080453,
AS/NZS 609050.1:2003, EN60950
C-tick
AS/NZS CISPR 11:2002 Group 1
EMI standards
Meets EN55022 Class B and CISPR/FCC Class B
RCM
Complies with AS/NZS 4417 Parts 1,2,3 N911
MECHANICAL
Dimensions
132 x 58 x 30.5mm
Weight
345g
AC Inlet
IEC320/C14
Output connector
Right angle, hollow barrel connector, 2.5mm
inside diameter; 5.5mm outside diameter;
9.5mm length Center positive polarity.
DC cord length
720mm with ferrite core 18AWG/UL1185
MODEL NUMBER
RATED
VNOM
OUTPUT
CURRENT
MAX
POWER
TRG70A120- 21E11-V
12Vdc
5.5A
66W
TRG70A150- 21E11-V
15Vdc
4.6A
69W
TRG70A180- 21E11-V
18Vdc
3.9A
70W
TRG70A190- 21E11-V
19Vdc
3.7A
70W
TRG70A240- 21E11-V
24Vdc
3.0A
72W
TRG70A480- 21E11-V
48Vdc
1.5A
72W
SELECTION TABLE
Consult Powerbox for variation of output connector and DC cord length
FEATURES
• Wide input voltage
• Continuous short circuit protection
• Over voltage protection
• Output voltage available from 12VDC to 48VDC
• High efficiency 87% typical
• Meets EN55022 Class ”B”, conducted emissions
• MEPS compliance, Efficiency Mark V
• ROHS compliance
TECHNICAL ILLUSTRATION
SPECIFICATIONS


Similar Part No. - TRG70A120-21E11-V

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRG70E120 CINCON-TRG70E120 Datasheet
212Kb / 2P
   70W SWITCHING ADAPTER
TRG70E240 CINCON-TRG70E240 Datasheet
212Kb / 2P
   70W SWITCHING ADAPTER
TRG70EVI CINCON-TRG70EVI Datasheet
212Kb / 2P
   70W SWITCHING ADAPTER
More results

Similar Description - TRG70A120-21E11-V

ManufacturerPart #DatasheetDescription
logo
Powerbox
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
   1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG36A POWERBOX-TRG36A Datasheet
562Kb / 1P
   3 6 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG45A POWERBOX-TRG45A Datasheet
503Kb / 1P
   4 5 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBLN POWERBOX-PBLN Datasheet
260Kb / 2P
   60 - 2 4 0 WAT T S - A C / D C L I N E A R S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
   7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
Powerbox
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com