Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-60-48ST Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # IRM-60-48ST
Description  60W Single Output Encapsulated Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRM-60-48ST Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  IRM-60-48ST Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRM-60-48ST Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRM-60-48ST Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IRM-60-48ST Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Block Diagram
AMBIENT TEMPERATURE (
)
Output Derating VS Input Voltage
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40
Derating Curve
FILTER
I/P
EMI
FILTER
RECTIFIERS
&
RECTIFIERS
CONTROL
PWM
DETECTION
CIRCUIT
&
FILTER
+V
-V
SWITCHING
POWER
fosc : 65KHz
(HORIZONTAL)
70
20
40
50
60
80
100
-30
-25
0
-15
15
30
50
60
230VAC
Input only
100VAC for 5V
40
for others
File Name:IRM-60-SPEC 2015-03-17
60W Single Output Encapsulated Type
I R M - 6 0 series


Similar Part No. - IRM-60-48ST

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-60 DIWELL-IRM-60 Datasheet
74Kb / 2P
   60W Single Output Encapsulated Type
2015-03-17
More results

Similar Description - IRM-60-48ST

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-60 DIWELL-IRM-60 Datasheet
74Kb / 2P
   60W Single Output Encapsulated Type
2015-03-17
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60_11 Datasheet
298Kb / 2P
   60W Single Output Medical Type
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
   30W Single Output Encapsulated Type
IRM-45 MEANWELL-IRM-45 Datasheet
566Kb / 4P
   45W Single Output Encapsulated Type
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
   30W Single Output Encapsulated Type
2014-12-26
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
   45W Single Output Encapsulated Type
2015-03-17
logo
SL Power Electronics
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
Mean Well Enterprises C...
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com