Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPF-60-48 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-60-48
Description  60W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-60-48 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  NPF-60-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-60-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-60-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-60-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-60-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
60W Single Output Switching Power Supply
NPF-60 series
File Name:NPF-60-SPEC 2015-05-28
There are two major kinds of LED drive method, "direct drive" and "with LED driver".
A typical LED power supply may either work in "constant voltage mode (CV)" or "constant current mode (CC)" to drive the LEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode (with LED driver, at area (A) and CC mode (direct drive, at area (B).
DRIVING METHODS OF LED MODULE
Typical LED power supply I-V curve
100
60
50
100
(min.)
Io (%)
Constant
Current area
Hiccup
Protection
Constant
Voltage area
(A)
(B)
(C)
In the constant current region, the highest voltage at the output of the driver
depends on the configuration of the end systems.
Should there be any compatibility issues, please contact MEAN WELL.
LOAD
NPF-60 series possess superior working efficiency that up to 90% can be reached in field applications.
EFFICIENCY vs LOAD (48V Model)
78%
80%
82%
84%
86%
88%
90%
92%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
277V
230V
115V


Similar Part No. - NPF-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
NPF-60D-12 MEANWELL-NPF-60D-12 Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
NPF-60D-15 MEANWELL-NPF-60D-15 Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
NPF-60D-20 MEANWELL-NPF-60D-20 Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
NPF-60D-24 MEANWELL-NPF-60D-24 Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
More results

Similar Description - NPF-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com