Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2009-00QR Datasheet(PDF) 2 Page - ON Semiconductor

Part # CM2009-00QR
Description  VGA Port Companion Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2009-00QR Datasheet(HTML) 2 Page - ON Semiconductor

  CM2009-00QR Datasheet HTML 1Page - ON Semiconductor CM2009-00QR Datasheet HTML 2Page - ON Semiconductor CM2009-00QR Datasheet HTML 3Page - ON Semiconductor CM2009-00QR Datasheet HTML 4Page - ON Semiconductor CM2009-00QR Datasheet HTML 5Page - ON Semiconductor CM2009-00QR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CM2009
http://onsemi.com
2
SIMPLIFIED ELECTRICAL SCHEMATIC
VIDEO_1
VIDEO_2
VIDEO_3
VCC_VIDEO
GND
SYNC_OUT2
GND
VCC_DDC
VCC_SYNC
SYNC_OUT1
SYNC_IN2
SYNC_IN1
DDC_IN2
DDC_IN1
RT
3
4
5
6
10
11
13
15
1
8
2
14
16
DDC_OUT2
DDC_OUT1
12
9
BYP
RT
7
PACKAGE / PINOUT DIAGRAM
Top View
16 Pin QSOP
VCC_SYNC
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
VIDEO_1
VIDEO_2
VIDEO_3
GND
VCC_DDC
BYP
SYNC_IN2
SYNC_OUT1
SYNC_OUT2
SYNC_IN1
DDC_OUT2
DDC_IN2
DDC_IN1
DDC_OUT1
VCC_VIDEO
Table 1. PIN DESCRIPTIONS
Lead(s)
Name
Description
1
VCC_SYNC
This is an isolated supply input for the SYNC_1 and SYNC_2 level shifters and their associated ESD
protection circuits.
2
VCC_VIDEO
This is a supply pin specifically for the VIDEO_1, VIDEO_2 and VIDEO_3 ESD protection circuits.
3
VIDEO_1
Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA
controller device and the video connector.
4
VIDEO_2
Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA
controller device and the video connector.
5
VIDEO_3
Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA
controller device and the video connector.
6
GND
Ground reference supply pin.
7
VCC_DDC
This is an isolated supply input for the DDC_1 and DDC_2 level−shifting N−FET gates.
8
BYP
This input is used to connect an external 0.2 mF bypass capacitor to the DDC circuits, resulting in an
increased ESD withstand voltage rating for these circuits (±8 kV with vs. ±4 kV without).
9
DDC_OUT1
DDC signal output. Connects to the video connector side of one of the sync lines.
10
DDC_IN1
DDC signal input. Connects to the VGA controller side of one of the sync lines.


Similar Part No. - CM2009-00QR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2009-00QR CALMIRCO-CM2009-00QR Datasheet
116Kb / 6P
   VGA Port Companion Circuit
More results

Similar Description - CM2009-00QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
   VGA Port Companion Circuit
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com