Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5269A Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5269A
Description  Synchronous Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5269A Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5269A Datasheet HTML 1Page - ON Semiconductor NCP5269A Datasheet HTML 2Page - ON Semiconductor NCP5269A Datasheet HTML 3Page - ON Semiconductor NCP5269A Datasheet HTML 4Page - ON Semiconductor NCP5269A Datasheet HTML 5Page - ON Semiconductor NCP5269A Datasheet HTML 6Page - ON Semiconductor NCP5269A Datasheet HTML 7Page - ON Semiconductor NCP5269A Datasheet HTML 8Page - ON Semiconductor NCP5269A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2013
June, 2013 − Rev. P1
1
Publication Order Number:
NCP5269A/D
NCP5269A
Advance Information
Synchronous Buck
Controller with Auto Power
Saving Mode and 2‐bit VID
Inputs for System Agent
NCP5269A is a synchronous buck controller that is optimized for
converting the battery voltage or adaptor voltage into power supply
rails required in notebook and desktop system. NCP5269A is designed
for applications requiring dynamically selected slew-rate controlled
output voltages. The soft-start is programmed by a single capacitor.
Voltage identification logic-inputs select four resistor programmed
set-point reference voltages that directly set the output voltage of the
converter between 0.65 V to 1.5 V. NCP5269A supports high
efficiency, fast transient response and provides power good signal.
ON Semiconductor proprietary adaptive-ripple control enables
seamless transition from CCM to DCM, where converter runs at
reduced switching frequency with much higher efficiency. The part
operates with input voltage ranging from 3.3 V to 28 V. NCP5269A is
available in a 20-pin 3 mm
× 3 mm QFN package.
Features
Wide Input Voltage Range: from 3.3 V to 28 V
Three Selectable Fixed Frequency 300 kHz, 400 kHz or 600 kHz
2-bit VID Selects Four Independent Voltages from 0.65 V to 1.5 V
±1.0% System Accuracy
Differential Remote Output Voltage Sensing
Soft Transient Control Reduces Inrush Current and Audio Noise
Build-in Power-good Masking Supports Voltage Identification (VID)
On-the-Fly Transients
Simple Resistor Programming Voltage Levels
Programmable Soft-start through a Single Capacitor
Automatic Power-saving Mode
Input Supply Voltage Feed Forward Control
Resistive or Lossless Inductor’s DCR Current Sensing
Over-temperature Protection
Built-in Adaptive Gate Drivers
Output Discharge Operation
Built-in Over-voltage, Under-voltage and Over-current Protection
and Power Good Output
This is a Pb-Free Device
Applications
Notebooks, Desktops & Servers
I/O Supplies
System Power Supplies
Graphic Cards
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
QFN20
CASE 485BC
Device
Package
Shipping
ORDERING INFORMATION
NCP5269AMNTWG
QFN20
(Pb−Free)
3,000 /
Tape & Reel
MARKING DIAGRAM
5269A
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
PIN CONNECTIONS
(Top View)
(Note: Microdot may be in either location)
5269A
ALYWG
G
BST
GH
SWN
VCCP
GL/FSET
EN
VCC
VID1
VID0
V3
AGND
1


Similar Part No. - NCP5269A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5269 ONSEMI-NCP5269 Datasheet
172Kb / 11P
   Synchronous Buck Controller with Auto Power Controller with Auto Power Inputs for System Agent
July, 2013 ??Rev. 3
NCP5269B ONSEMI-NCP5269B Datasheet
253Kb / 12P
   Synchronous Buck Controller with 2-Bit VID Inputs
September, 2020 ??Rev. 0
NCP5269BMNTWG ONSEMI-NCP5269BMNTWG Datasheet
253Kb / 12P
   Synchronous Buck Controller with 2-Bit VID Inputs
September, 2020 ??Rev. 0
More results

Similar Description - NCP5269A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
logo
Renesas Technology Corp
HIP6601A RENESAS-HIP6601A Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Texas Instruments
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com