Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81038 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP81038
Description  Synchronous Buck Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81038 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP81038 Datasheet HTML 2Page - ON Semiconductor NCP81038 Datasheet HTML 3Page - ON Semiconductor NCP81038 Datasheet HTML 4Page - ON Semiconductor NCP81038 Datasheet HTML 5Page - ON Semiconductor NCP81038 Datasheet HTML 6Page - ON Semiconductor NCP81038 Datasheet HTML 7Page - ON Semiconductor NCP81038 Datasheet HTML 8Page - ON Semiconductor NCP81038 Datasheet HTML 9Page - ON Semiconductor NCP81038 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NCP81038
http://onsemi.com
6
Table 3. ELECTRICAL CHARACTERISTICS
(VIN = 12 V, Vout = 5.0 V, TA = +25°C for typical value; 0°C < TA < 85°C for min/max values unless noted otherwise)
Parameter
Units
Max
Typ
Min
Test Conditions
Symbol
FEEDBACK VOLTAGE
Reference Voltage
VREF
792
800
808
mV
Feedback Voltage Line Regulation
5V_LDOOUT = 4.5 V ~ 5.5 V
0.25
%/V
DIFFERENTIAL CURRENT SENSE AMPLIFIER
CSP and CSN Common−mode Input
Voltage Range
Refer to AGND
−0.2
5.5
V
Current Sense Input to Output Gain
(CSP)−(CSN) = 10 mV
200
mA/V
Differential Input Voltage Range
−60
60
mV
OVER CURRENT PROTECTION
OCP Threshold Voltage
V(CSP)−V(CSN) @ 25°C
35
40
45
mV
V(CSP)−V(CSN) @ 0 ~ 85°C
34
46
mV
OCP Trigger Clock Tick
After EN, latch off after trigger # clocks
16
Short Circuit OCP Threshold Voltage
60
mV
GATE DRIVER
GH Pull−High Resistance
RH_GH
Source, V(BST−GH) = 0.1
2.5
W
GH Pull−Low Resistance
RL_GH
Sink, V(GH−SWN) = 0.1 V
1.5
W
GL Pull−High Resistance
RH_GL
Source, V(VCC−GL) = 0.1 V
2.0
W
GL Pull−Low Resistance
RL_GL
Sink, V(GL−PGND) = 0.1 V
1.0
W
Dead Time
GL off to GH on
10
20
30
ns
GH off to GL on
10
20
30
ns
VOLTAGE MONITOR
VCC Start Threshold
3.7
4.2
4.4
V
VCC UVLO Hysteresis
100
200
300
mV
Power Good Threshold
PG in from lower
91.5
95
97.5
%
PG hysteresis
5.0
%
Power Good High Delay
After soft start is done
500
ms
Power Good Low Delay
1.5
ms
Power Good Sink Current
PG = 0.4 V
2.5
5.0
mA
Output Overvoltage Rising Threshold
After VCC POR, with respect to VFB
106
110
118
%Vref
Overvoltage Fault Blanking Time
1.5
ms
Output Under-Voltage Trip Threshold
After soft start, with respect to VFB
45
50
55
%Vref
Under-voltage Protection Blanking Time
tss
ms
Under−voltage Protection Delay
2.0
ms
PWM
Minimum Controllable ON Time
50
ns
Minimum OFF Time
100
150
ns
PWM Ramp Offset
0.36
0.4
0.44
V
PWM Ramp Amplitude
VIN = 5 V
1.25
V
VIN = 12 V
3.0
V
PWM Comparator Propagation Delay
10 mV to 20 mV overdrive
25
30
ns
3. Guaranteed by Design
4. Parameters are for design only, not for product test.


Similar Part No. - NCP81038

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81038MNTWG ONSEMI-NCP81038MNTWG Datasheet
190Kb / 11P
   Synchronous Buck Controller with Auto Power Saving
October, 2013 ??Rev. P6
More results

Similar Description - NCP81038

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com