Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM805LEPA Datasheet(PDF) 7 Page - ON Semiconductor

Part # ASM805LEPA
Description  Power Supply Supervisor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM805LEPA Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ASM805LEPA Datasheet HTML 3Page - ON Semiconductor ASM805LEPA Datasheet HTML 4Page - ON Semiconductor ASM805LEPA Datasheet HTML 5Page - ON Semiconductor ASM805LEPA Datasheet HTML 6Page - ON Semiconductor ASM805LEPA Datasheet HTML 7Page - ON Semiconductor ASM805LEPA Datasheet HTML 8Page - ON Semiconductor ASM805LEPA Datasheet HTML 9Page - ON Semiconductor ASM805LEPA Datasheet HTML 10Page - ON Semiconductor ASM805LEPA Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ASM690A/692A, ASM802L/802M, ASM805L
http://onsemi.com
7
that the capacitor voltage remain below the maximum
voltages shown in Table 6. Although the circuit of Figure 6
shows the most simple way to connect the SuperCap, this
circuit cannot insure that an over voltage condition will not
occur since the capacitor will ultimately charge up to VCC.
To insure that an over voltage condition does not occur, the
circuit of Figure 7 is preferred. In this circuit configuration,
the diode−resistor pair clamps the capacitor voltage at one
diode drop below VCC. VCC itself should be regulated
within
±5% of 5 V for the ASM692A/802M or within ±10%
of 5 V for the ASM690A/802L/805L to insure that the
storage capacitor does not achieve an over voltage state.
Figure 6. Capacitor as a Backup Power Source
Figure 7. Capacitor as a Backup Power Source
Voltage Clamped to 0.5 V below VCC
Operation without a Backup Power Source
When operating without a back−up power source, the
VBATT pin should be connected to GND and VOUT should
be connected to VCC, since power source switchover will not
occur. Connecting VOUT to VCC eliminates the voltage drop
due to the ON−resistance of the PMOS switch.
Power−Fail Comparator
The Power Fail feature is an independent voltage
monitoring function that can be used for any number of
monitoring activities. The PFI function can provide an early
sensing of power supply failure by sensing the voltage of the
unregulated DC ahead of the regulated supply sensing seen
by the backup−battery switchover circuitry. The PFI pin is
compared to a 1.25 V internal reference. If the voltage at the
PFI pin is less than this reference voltage, the PFO pin goes
low. By sensing the voltage of the raw DC power supply, the
microprocessor system can prepare for imminent
power−loss, especially if the battery backup supply is not
enabled. The input voltage at the PFI pin results from a
simple resistor voltage divider as shown in Figure 8.
Figure 8. Simple Voltage Divider Sets PFI Trip Point
Power Fail Hysteresis
A noise margin can be added to the simple monitoring
circuit of Figure 8 by adding positive feedback from the
PFO pin. The circuit of Figure 9 adds this positive “latching”
effect by means of an additional resistor R3 connected
between PFO and PFI which helps in pulling PFI in the
direction of PFO and eliminating an indecision at the trip
point. Resistor R3 is normally about 10 times higher in
resistance than R2 to keep the hysteresis band reasonable
and should be larger than 10 k
W to avoid excessive loading
on the PFO pin. The calculations for the correct values of
resistors to set the hysteresis thresholds are given in
Figure 9. A capacitor can be added to offer additional noise
rejection by low−pass filtering.


Similar Part No. - ASM805LEPA

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM805LEPA ALSC-ASM805LEPA Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
PulseCore Semiconductor
ASM805LEPA PULSECORE-ASM805LEPA Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
ASM805LEPAF PULSECORE-ASM805LEPAF Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
More results

Similar Description - ASM805LEPA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
logo
Unisonic Technologies
3513 UTC-3513_15 Datasheet
387Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Fairchild Semiconductor
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
   PC POWER SUPPLY SUPERVISOR
logo
Fairchild Semiconductor
SG6518 FAIRCHILD-SG6518 Datasheet
595Kb / 11P
   LCD Power Supply Supervisor
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
   PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
   PC Power Supply Supervisor
January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com