Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKT672-080-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # SKT672-080-E
Description  Stepping Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SKT672-080-E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SKT672-080-E Datasheet HTML 2Page - ON Semiconductor SKT672-080-E Datasheet HTML 3Page - ON Semiconductor SKT672-080-E Datasheet HTML 4Page - ON Semiconductor SKT672-080-E Datasheet HTML 5Page - ON Semiconductor SKT672-080-E Datasheet HTML 6Page - ON Semiconductor SKT672-080-E Datasheet HTML 7Page - ON Semiconductor SKT672-080-E Datasheet HTML 8Page - ON Semiconductor SKT672-080-E Datasheet HTML 9Page - ON Semiconductor SKT672-080-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
STK672-080-E
No.6507-6/18
Power-on Reset
The application must perform a power-on reset operation when VCC2 power is first applied to this hybrid IC.
Application circuit that used 2W1-2 phase excitation (microstepping operation) mode.
Setting the Motor Current
The motor current IOH is set by the Vref voltage on the hybrid IC pin 7. The following formula gives the relationship
between IOH and Vref.
RoX = (Ro2
× 6kΩ) ÷ (Ro2 + 6kΩ)
(1)
Vref = VCC2 × RoX ÷ (Ro1 + RoX)
(2)
IOH =
×
(3)
K: 4.7 (Voltage divider ratio),
Rs: 0.15
Ω (This is the hybrid IC's internal current detection resistor. It has a tolerance of ±3%.)
Applications can use motor currents from the current (0.05 to 0.1A) set by the duty of the frequency set by the oscillator
up to the limit of the allowable operating range, IOH = 2.8A
Function Table
M2
0
0
1
1
M1
M3
0
1
0
1
Phase switching clock edge timing
1
2 phase excitation
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
Rising edge only
0
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
4W1-2 phase excitation
Rising and falling edges
Forward
Reverse
ENABLE
Motor current is cut off when low
CWB
0
1
RESET
Active low
K
1
Rs
Vref
7
5
A
AB
6
14
14
8
14
14
9
14
14
12
15
11
13
10
14
+
+
VCC2=5V
VCC2=5V
SG
PG
Vref
Ro1
Ro2
VCC2=5V
CLK
ENABLE
CBW
RESET
MOI
VCC1=10V to 45V
Two-phase stepping motor
STK672-080-E
A13261
B
BB
RoX
4
3
2
1
VF 0.3V
Simple power on reset circuit
(This circuit cannot be used for
power supply voltage drop
detection.)
We recommend a value of about
100
Ω for Ro2 to minimize the
influence of the Vref pin internal
impedance, which is 6k
Ω
RoX: Input impedance: 6k
Ω±30%
Motor current waveform
Ioave
IOL IOH
0A
A13262


Similar Part No. - SKT672-080-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-050-E ONSEMI-SKT672-050-E Datasheet
204Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-070-E ONSEMI-SKT672-070-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
More results

Similar Description - SKT672-080-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
ON Semiconductor
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
logo
Sanken electric
SI-7200E SANKEN-SI-7200E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
logo
ON Semiconductor
LB11946 ONSEMI-LB11946 Datasheet
127Kb / 14P
   Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com