Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC704 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SVC704
Description  Single Varactor Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC704 Datasheet(HTML) 2 Page - ON Semiconductor

  SVC704 Datasheet HTML 1Page - ON Semiconductor SVC704 Datasheet HTML 2Page - ON Semiconductor SVC704 Datasheet HTML 3Page - ON Semiconductor SVC704 Datasheet HTML 4Page - ON Semiconductor SVC704 Datasheet HTML 5Page - ON Semiconductor SVC704 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SVC704
No.8997-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Breakdown Voltage
V(BR)R
IR=10μA16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance*
C1.0V
VR=1.0V, f=1MHz
26.0
30.0
pF
C7.0V
VR=7.0V, f=1MHz
3.4
4.6
pF
Series Resistance
rs
VR=1.0V, f=470MHz
0.8
Ω
Capacitance Ratio
CR
C1.0V / C7.0V
6.0
Ordering Information
Device
Package
Shipping
memo
SVC704-TL-E
MCPH3
3,000pcs./reel
Pb Free
Reverse Voltage, VR -- V
C, Q -- VR
0123
4
68
5
79
10
1000
100
10
7
5
3
2
7
5
3
2
7
5
3
2
1.0
1000
100
10
7
5
3
2
7
5
3
2
7
5
3
2
1.0
IT10665
VRF=20mVrms
Quality
Factor
, Q
f=470MHz
Interterminal
Capacitance,
C f=1MHz


Similar Part No. - SVC704

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC704 SANYO-SVC704 Datasheet
29Kb / 3P
   Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704 Datasheet
435Kb / 6P
   Varactor Diode for AFC, VCO
SVC704-TL-E SANYO-SVC704-TL-E Datasheet
435Kb / 6P
   Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704_09 Datasheet
435Kb / 6P
   Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704_12 Datasheet
435Kb / 6P
   Varactor Diode for AFC, VCO
More results

Similar Description - SVC704

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SVC710 ONSEMI-SVC710 Datasheet
334Kb / 6P
   Single Varactor Diode
September, 2013
logo
Renesas Technology Corp
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
   VARACTOR DIODE
1988
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
   VARACTOR DIODE
logo
ON Semiconductor
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
   Varactor Diode
October 2014 - Rev. 2
logo
NTE Electronics
NTE616 NTE-NTE616 Datasheet
15Kb / 1P
   Varactor Diode
NTE617 NTE-NTE617 Datasheet
19Kb / 2P
   Varactor Diode
logo
Sanyo Semicon Device
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
   Varactor Diode
logo
New Japan Radio
NJX1560 NJRC-NJX1560 Datasheet
57Kb / 3P
   VARACTOR DIODE
logo
Renesas Technology Corp
1SV218 RENESAS-1SV218 Datasheet
190Kb / 4P
   VARACTOR DIODE
1988
logo
Advanced Semiconductor
MVAM115 ASI-MVAM115 Datasheet
23Kb / 1P
   SILICON VARACTOR DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com