Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1220X7R1C224M085AC Datasheet(PDF) 1 Page - TDK Electronics

Part # C1220X7R1C224M085AC
Description  Commercial Grade ( Low ESL Reverse Geometry )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1220X7R1C224M085AC Datasheet(HTML) 1 Page - TDK Electronics

  C1220X7R1C224M085AC Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( Low ESL Reverse Geometry )
C1220 [EIA CC0508]
L
1.25mm +/-0.2mm
W
2.00mm +/-0.2mm
T
0.85mm +/-0.15mm
B
0.20mm Min.
X7R (-55 to 125 degC +/-15%)
1C (16Vdc)
220nF
M (+/-20%)
5% Max.
454Mohm Min.
Not Applicable
All specifications are subject to change without notice.
January 3, 2016
C1220X7R1C224M085AC
TDK Item Description : C1220X7R1C224MT****
Cap. vs. Freq. Characteristic
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.001
0.01
0.1
1
10
100
1000
10000
100000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.5
1
1.5
2
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - C1220X7R1C224M085AC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1220X7R1E104M085AC TDK-C1220X7R1E104M085AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C1220X7R1H103M085AC TDK-C1220X7R1H103M085AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C1220X7R1H223M085AC TDK-C1220X7R1H223M085AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C1220X7R1H473M085AC TDK-C1220X7R1H473M085AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
More results

Similar Description - C1220X7R1C224M085AC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0816X7R1C473M050AC TDK-C0816X7R1C473M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C1220X5R1A474M085AC TDK-C1220X5R1A474M085AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C1220X7R1H103M085AC TDK-C1220X7R1H103M085AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0603C0G1E0R5C030BA TDK-C0603C0G1E0R5C030BA_14 Datasheet
129Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0510X6S0G105M030AC TDK-C0510X6S0G105M030AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0510X6S0G474M030AC TDK-C0510X6S0G474M030AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0816X5R1A474M050AC TDK-C0816X5R1A474M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0816X7R1C223M050AC TDK-C0816X7R1C223M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0816X7S0G105M050AC TDK-C0816X7S0G105M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C1220X5R1H473M085AC TDK-C1220X5R1H473M085AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C1220X7R1H223M085AC TDK-C1220X7R1H223M085AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com