Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08052C103K4T2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08052C103K4T2A
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C103K4T2A Datasheet(HTML) 4 Page - AVX Corporation

  08052C103K4T2A Datasheet HTML 1Page - AVX Corporation 08052C103K4T2A Datasheet HTML 2Page - AVX Corporation 08052C103K4T2A Datasheet HTML 3Page - AVX Corporation 08052C103K4T2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
22
22
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
10
16
25
50
100
200
500
16
25
50
100
200
500
50
100
200
25
50
100
200
500
50
100
200
Cap
100
101
(pF)
150
151
220
221
330
331
470
471
680
681
1000
102
1500
152
J
J
J
J
J
J
M
2200
222
J
J
J
J
J
J
M
3300
332
J
J
J
J
J
J
M
4700
472
J
J
J
J
J
J
M
6800
682
J
J
J
J
J
J
M
Cap
0.01
103
J
J
J
J
J
J
M
K
K
K
K
K
M
M
M
X
X
X
X
M
P
P
(μF)
0.015
153
J
J
J
J
J
J
P
K
K
K
K
P
M
M
M
X
X
X
X
M
P
P
0.022
223
J
J
J
J
J
J
Q
K
K
K
K
P
M
M
M
X
X
X
X
M
P
P
0.033
333
J
J
J
J
J
J
Q
K
K
K
K
X
M
M
M
X
X
X
X
M
P
P
0.047
473
J
J
J
J
J
J
Q
K
K
K
K
Z
M
M
M
X
X
X
X
M
P
P
0.068
683
J
J
J
J
J
M
Q
K
K
K
K
Z
M
M
M
X
X
X
X
M
P
P
0.1
104
J
J
J
J
J
M
X
K
K
K
K
Z
M
M
M
X
X
X
X
M
P
P
0.15
154
J
J
J
J
M
Z
K
K
K
P
Z
M
M
M
X
X
X
X
M
P
X
0.22
224
J
J
J
J
P
Z
K
K
K
P
Z
M
M
M
X
X
X
X
M
P
X
0.33
334
J
J
J
J
Q
K
K
M
X
M
M
X
X
X
X
M
P
X
0.47
474
M
M
M
M
Q
K
K
P
X
M
M
X
X
X
X
M
P
X
0.68
684
M
M
P
X
X
M
M
Q
M
P
X
X
M
P
X
1.0
105
N
N
P
X
Z
M
M
X
Z
M
P
X
X
M
P
X
1.5
155
N
N
Z
Z
Z
Z
Z
Z
M
X
X
M
X
Z
2.2
225
X
X
Z
Z
Z
Z
Z
Z
X
X
M
X
Z
3.3
335
X
X
Z
Z
Z
Z
Z
Z
X
Z
4.7
475
Z
Z
Z
Z
Z
Z
X
Z
10
106
Z
Z
Z
Z
Z
ZZ
22
226
Z
Z
Z
Z
47
476
Z
100
107
WVDC
10
16
25
50
100
200
500
16
25
50
100
200
500
50
100
200
25
50
100
200
500
50
100
200
SIZE
1210
1812
1825
2220
2225
L
W
T
t
Letter
AB
CE
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
NOTE: Contact factory for non-specified capacitance values
REV 02


Similar Part No. - 08052C103K4T2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08052C103KA72A AVX-08052C103KA72A Datasheet
338Kb / 20P
   General Specifications
08052C103KA72A AVX-08052C103KA72A Datasheet
131Kb / 4P
   General Specifications
08052C103KA72A AVX-08052C103KA72A Datasheet
282Kb / 18P
   Dielectric General Specifications
08052C103KA72A AVX-08052C103KA72A Datasheet
131Kb / 4P
   General Specifications
08052C103KA72A AVX-08052C103KA72A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 08052C103K4T2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com