Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04023J4R7QBWTR Datasheet(PDF) 4 Page - AVX Corporation

Part # 04023J4R7QBWTR
Description  Thin-Film Technology
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04023J4R7QBWTR Datasheet(HTML) 4 Page - AVX Corporation

  04023J4R7QBWTR Datasheet HTML 1Page - AVX Corporation 04023J4R7QBWTR Datasheet HTML 2Page - AVX Corporation 04023J4R7QBWTR Datasheet HTML 3Page - AVX Corporation 04023J4R7QBWTR Datasheet HTML 4Page - AVX Corporation 04023J4R7QBWTR Datasheet HTML 5Page - AVX Corporation 04023J4R7QBWTR Datasheet HTML 6Page - AVX Corporation 04023J4R7QBWTR Datasheet HTML 7Page - AVX Corporation 04023J4R7QBWTR Datasheet HTML 8Page - AVX Corporation 04023J4R7QBWTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
8
1
Accu-P
®
Thin-Film Chip Capacitors for
RF Signal and Power Applications
L
T
B
1
W
B
2
0402
Size
C005
0201
0402
0603
0805
1210*
3
Voltage
2 = 200V
1 = 100V
5 = 50V
3 = 25V
Y = 16V
Z = 10V
J
Temperature
Coefficient (1)
J = 0±30ppm/°C
(-55°C to
+125°C)
K = 0±60ppm/°C
(-55°C to
+125°C)
4R7
Capacitance
Capacitance
expressed in pF.
(2 significant
digits + number
of zeros)
for values <10pF,
letter R denotes
decimal point.
Example:
68pF = 680
8.2pF = 8R2
A
Tolerance
for
C≤2.0pF*
Z = ±0.01pF
P = ±0.02pF
Q = ±0.03pF
A = ±0.05pF
B = ±0.1pF
C = ±0.25pF
for C≤3.0pF
Q = ±0.03pF
A = ±0.05pF
B = ±0.1pF
C = ±0.25pF
for C≤5.6pF
A = ±0.05pF
B = ±0.1pF
C = ±0.25pF
for 5.6pF<C<10pF
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
for C≥10pF
F = ±1%
G = ±2%
J = ±5%
B
Specification
Code
B = Accu-P®
technology
S
Termination
Code
W = Nickel/Solder Coated
Accu-P® 0402 Sn90,
Pb10***
T = Nickel/High Temperature
Solder Coated
Accu-P® 0805**, 1210**
Sn96, Ag4
Nickel/Solder Coated
Accu-P® 0603***
Sn63, Pb37
**S = Nickel/Lead Free
Solder Coated
Accu-P® 01005, 0201,
0402, 0603
Sn100
TR
Packaging
Code
TR = Tape & Reel
(1) TC’s shown are per EIA/IEC Specifications.
Operating and Storage Temperature Range
-55°C to +125°C
Temperature Coefficients (1)
0 ± 30ppm/°C dielectric code “J” / 0 ± 60ppm/°C dielectric code “K”
Capacitance Measurement
1 MHz, 1 Vrms
Insulation Resistance (IR)
≥1011 Ohms (≥10
10 Ohms for 0201 and 0402 size)
Proof Voltage
2.5 UR for 5 secs.
Aging Characteristic
Zero
Dielectric Absorption
0.01%
ELECTRICAL SPECIFICATIONS
HOW TO ORDER
* Tolerances as tight as ±0.01pF are available. Please consult the factory.
01005*
0201*
0402*
0603*
0805*
1210
L
0.405±0.020
0.60±0.05
1.00±0.1
1.60±0.1
2.01±0.1
3.02±0.1
(0.016±0.001)
(0.023±0.002)
(0.039±0.004)
(0.063±0.004)
(0.079±0.004)
(0.119±0.004)
W
0.215 ± 0.020
0.325±0.050
0.55±0.07
0.81±0.1
1.27±0.1
2.5±0.1
(0.0085 ± 0.001)
(0.0128±0.002)
(0.022±0.003)
(0.032±0.004)
(0.050±0.004)
(0.100±0.004)
T
0.145 ± 0.020
0.225±0.050
0.40±0.1
0.63±0.1
0.93±0.2
0.93±0.2
(0.006 ± 0.001)
(0.009±0.002)
(0.016±0.004)
(0.025±0.004)
(0.036±0.008)
(0.036±0.008)
B1
0.00
0.10±0.10
0.00
0.35±0.15
0.30±0.1
0.43±0.1
(0.000
)
(0.004±0.004)
(0.000
)
(0.014±0.006)
(0.012±0.004)
(0.017±0.004)
B2
0.10 ± 0.03
0.15±0.05
0.20±0.1
0.35±0.15
0.30±0.1
0.43±0.1
(0.004 ± 0.001)
(0.006±0.002)
(0.008±0.004)
(0.014±0.006)
(0.012±0.004)
(0.017±0.004)
ACCU-P® (Signal and Power Type Capacitors)
*Mount Black Side Up
DIMENSIONS: millimeters (inches)
+0.1
-0.0
+0.004
-0.000
+0.1
-0.0
+0.004
-0.000
Engineering Kits Available
see pages 114-115
**RoHS compliant
*** Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.


Similar Part No. - 04023J4R7QBWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J4R7QBWTR AVX-04023J4R7QBWTR Datasheet
458Kb / 20P
   Thin-Film Technology
04023J4R7QBWTR500 AVX-04023J4R7QBWTR500 Datasheet
1Mb / 25P
   Thin-Film Technology
More results

Similar Description - 04023J4R7QBWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
ACCU-P AVX-ACCU-P Datasheet
1Mb / 25P
   Thin-Film Technology
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com