Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08055A101BATUA Datasheet(PDF) 4 Page - AVX Corporation

Part # 08055A101BATUA
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055A101BATUA Datasheet(HTML) 4 Page - AVX Corporation

  08055A101BATUA Datasheet HTML 1Page - AVX Corporation 08055A101BATUA Datasheet HTML 2Page - AVX Corporation 08055A101BATUA Datasheet HTML 3Page - AVX Corporation 08055A101BATUA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
7
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
Cap
0.5
(pF)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
J
12
J
15
J
18
J
22
J
27
J
33
J
39
J
47
J
56
J
68
J
82
J
100
J
120
J
150
J
180
J
220
J
270
J
330
J
390
M
470
M
560
J
J
J
J
M
680
J
J
J
K
P
820
J
J
J
K
P
1000
J
J
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1200
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1500
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1800
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
2200
P
P
P
P
N
K
K
N
N
P
X
X
M
M
M
P
2700
P
P
P
P
K
K
N
P
Q
X
X
M
M
M
P
3300
P
P
P
P
K
K
N
P
Q
X
X
X
X
M
M
P
3900
P
P
P
K
K
N
P
Q
X
X
X
X
M
M
P
4700
P
P
P
K
K
N
P
Y
X
X
X
X
X
X
M
M
P
5600
P
P
P
K
K
P
P
Y
X
X
X
X
X
X
M
M
P
6800
P
P
P
K
K
Q
Q
X
X
X
X
X
X
M
M
P
8200
P
P
K
M
Q
Q
X
X
X
X
X
X
M
M
P
Cap
0.010
N
N
K
M
Q
Q
X
X
X
X
X
X
M
M
P
(μF)
0.012
N
N
K
M
Q
X
X
X
X
X
X
M
M
P
0.015
P
P
Q
X
X
X
X
X
X
M
M
Y
0.018
P
P
Q
X
X
X
X
X
X
M
M
Y
0.022
P
P
Q
X
X
X
X
X
M
Y
Y
0.027
Q
Q
X
X
X
Y
X
X
P
Y
Y
0.033
Q
Q
X
X
X
X
X
X
Y
Y
0.039
X
X
X
X
Y
X
Y
Y
0.047
X
X
X
X
Y
X
Z
0.068
Z
Z
Y
Z
X
Z
0.082
Z
Z
Y
Z
X
Z
0.1
Z
Z
Z
Z
Z
Z
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
SIZE
1210
1812
1825
2220
2225
L
W
T
t
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 08055A101BATUA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08055A101BATUA AVX-08055A101BATUA Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
08055A101BATUA AVX-08055A101BATUA Datasheet
176Kb / 4P
   C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available
08055A101BATUA AVX-08055A101BATUA Datasheet
624Kb / 4P
   C0G (NP0) Dielectric
More results

Similar Description - 08055A101BATUA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com