Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CENTAUR Datasheet(PDF) 1 Page - Powerbox

Part # CENTAUR
Description  T H R E E S T E P B AT T E R Y C H A R G E R
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

CENTAUR Datasheet(HTML) 1 Page - Powerbox

  CENTAUR Datasheet HTML 1Page - Powerbox CENTAUR Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. Centaur Rev.A 19-10-15
Centaur Series
T H R E E S T E P B A T T E R Y C H A R G E R
FEATURES
• 240W - 1440W
• 12V and 24V Battery Systems
• Three Step Charger
• Temperature Compensation
• Three Separate Outputs
• Charge 3 battery banks
• Corrosion Resistant
SPECIFICATIONS
INPUT
Input Voltage
90 - 265Vac
90 - 400Vdc
Input Frequency
45 - 65Hz
Power Factor
1.0
OUTPUT
Battery Charging
Optimum absorption charge and float voltages
for Flooded Lead-acid, Gel-Cell or AGM batteries.
Selectable by dip switch
Absorption Charge Voltages
14.3Vdc and 28.5Vdc
See selection table
Float Charge Voltages
13.5Vdc and 27.0Vdc
See selection table
Three Outputs
3 isolated outputs that each can supply up to the
fully rated current. Combined total rated current
cannot be exceeded. Keeping within the total
power rating of the battery charger.
Total Output Ammeter
Yes.
Charge Characteristic
Charges at the absorption rate, until the output
has reduced to 70% of rated current. At which
time a 4hour timer begins, then the charger
switches to float rate
Temperature Sensor
Internal, -2mV/°C per cell.
Battery Monitor
The BMV-700 battery monitor features an
advanced control and measuring system for
battery voltage and charge/discharge current.
The battery monitor displays battery voltage,
current, consumed AH or time to go.
Battery Alarm
An excessively high or low battery voltage is
indicated by an audible and visual alarm
PROTECTION
Ignition Protected
Yes.
Short Circuit Protection
Yes.
Over Temperature Protection Yes.
STANDARDS
Safety
EN60335-1, EN60335-2-29, UL1236.
Emission Immunity
EN55014, EN61000-3-2
Automotive Directive
EN55012-2, EN61000-3-3
C-tick
AS/NZS CISPR11: Group 1, Class A.
ENVIRONMENTAL
Operating Temperature
-20°C to +60°C.
Derating
Full load up to 40C ambient, Output will reduce to
approximately 80% of nominal at 50C and 60% of
nominal at 60C
Cooling
Temperature and current controlled fan.
Humidity
95% max (non condensing).
MECHANICAL
AC Connection
Screw-clamp 4mm² (AWG 6)
Battery Connection
M6 or M8 studs
See selection table
Protection Category
IP21.
Material & Colour
Aluminium epoxy powder coated cases (blue RAL
5012), Stainless steel fixings
Size & Weight
12/20-12/30: 355 x 215 x 110mm, 3.8Kg
12/40-12/60, 24/30: 426 x 239 x 135mm, 5Kg
12/80-12/100, 24/40-24/60: 505 x 255 x 130m, 12Kg
12/200, 24/80-24/100: 505 x 255 x 230mm, 16Kg
APPLICATION


Similar Part No. - CENTAUR

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CENT1120 SLPOWER-CENT1120 Datasheet
259Kb / 2P
   ITE Switch-Mode Power Supply
More results

Similar Description - CENTAUR

ManufacturerPart #DatasheetDescription
logo
Powerbox
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
PB251A-RM POWERBOX-PB251A-RM Datasheet
445Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB251A-CM POWERBOX-PB251A-CM Datasheet
263Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB314A POWERBOX-PB314A Datasheet
269Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
   B AT T E R Y C H A R G E R
PBN14C POWERBOX-PBN14C Datasheet
112Kb / 1P
   6 0 WAT T T H R E E S T E P C H A R G E R
PBN11C POWERBOX-PBN11C Datasheet
296Kb / 2P
   2 7 4 WAT T S - T H R E E S T E P C H A R G E R
PBN6C POWERBOX-PBN6C Datasheet
247Kb / 1P
   3 5 - 4 0 WAT T S T H R E E S T E P C H A R G E R
PBN7C POWERBOX-PBN7C Datasheet
257Kb / 1P
   7 4 - 2 9 4 WAT T S T H R E E S T E P C H A R G E R
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
   I N V E R T E R C H A R G E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com