Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPR-3510HD Datasheet(PDF) 1 Page - Powerbox

Part # GPR-3510HD
Description  3 0 0 - 3 7 5 WAT T L I N E A R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

GPR-3510HD Datasheet(HTML) 1 Page - Powerbox

  GPR-3510HD Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
537
GPR-H Series
3 0 0 - 3 7 5 W A T T L I N E A R
FEATURES
• Single Output
• 0.01% High Regulation
• Constant Voltage and Constant Current Operation
• Internal Select for Continuous or Dynamic Load
• Low Ripple and Noise
• Overload and Reverse Polarity Protection
• 3 1/2 Digit 0.5" LED Display
METER
Digital
3 1/2 digit 0.5" LED display
Accuracy
± ( 0.5% of rdg + 2 digits )
INSULATION
Chassis and terminal
100MΩ or above DC 500V
Chassis and AC cord
100MΩ or above DC 500V
Safety
IEC/EN61010-1
CE mark
Yes
POWER SOURCE
Input voltage
AC 100V/120V/220V/240V±10%, 50/60Hz
DIMENSIONS & WEIGHT
Case
255(W) x 145(H) x 420(D)mm
Approx 13.5 - 18.5kg
CONSTANT VOLTAGE OPERATION
Line regulation
0.01% + 3mV
Load regulation
0.01% + 5mV (<10A)
0.02% + 5mV (>10A)
Ripple & noise
1mVrms (5Hz - 1MHz)
Recovery time
100ms (50% load change, minimum load
0.5A)
Output range
0 to rated voltage continuously adjustable
CONSTANT CURRENT OPERATION
Line regulation
0.2% + 3mV
Load regulation
0.2% + 3mA
Ripple current
5mA rms
Outut range
0 to rating current continuously adjustable
SELECTION TABLE
MODEL
NUMBER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
OUTPUT
POWER
WEIGHT
GPR-0830HD
0-8V
0-30A
240W
18.5kg
GPR-1820HD
0-18V
0-20A
360W
18.5kg
GPR-3510HD
0-35V
0-10A
350W
18.5kg
GPR-6060D
0-60V
0-6A
360W
18.5kg
GPR-7550D
0-75V
0-5A
375W
18.5kg
GPR-11H30D
0-110V
0-3A
330W
13.5kg
GPR-30H10D
0-300V
0-1A
300W
13.5kg
SPECIFICATIONS


Similar Part No. - GPR-3510HD

ManufacturerPart #DatasheetDescription
logo
Powerbox
GPR-3060D POWERBOX-GPR-3060D Datasheet
167Kb / 1P
   1 8 0 WAT T L I N E A R
More results

Similar Description - GPR-3510HD

ManufacturerPart #DatasheetDescription
logo
Powerbox
GPR-M POWERBOX-GPR-M Datasheet
167Kb / 1P
   1 8 0 WAT T L I N E A R
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
   4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PBSP-TEMPO POWERBOX-PBSP-TEMPO Datasheet
130Kb / 1P
   5 0 0 - 7 0 0WAT T D C / A C I N V E R T E R
PBLDU POWERBOX-PBLDU Datasheet
298Kb / 3P
   7 0 - 2 8 0 WAT T S D C U P S L I N E A R
PBK2H POWERBOX-PBK2H Datasheet
222Kb / 1P
   7 0 WAT T S M O B I L E C O N V E R T E R
PBSP740 POWERBOX-PBSP740 Datasheet
304Kb / 2P
   7 2 V D C , 4 0 0 0 WAT T S R A I LWAY D C / A C I N V E R T E R
PBSP-EVEREST POWERBOX-PBSP-EVEREST Datasheet
164Kb / 1P
   2 0 0 0 - 3 8 0 0WAT T D C / A C I N V E R T E R
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
   7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
GPS-TRIPLE POWERBOX-GPS-TRIPLE Datasheet
142Kb / 1P
   1 9 5 WAT T L I N E A R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com