Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-3303 Datasheet(PDF) 1 Page - Powerbox

Part # GPS-3303
Description  1 9 5 WAT T L I N E A R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

GPS-3303 Datasheet(HTML) 1 Page - Powerbox

  GPS-3303 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
538
GPS Triple Series
1 9 5 W A T T L I N E A R
FEATURES
• 3 Independent Isolated Output
• Four "3 Digits" LED Display
• 0.01% Load and Line Regulation
• Low Ripple and Noise
• Tracking Operation and Auto Series/Parallel
Operation
• Output ON/OFF Switch
• Output Voltage and Current Setting When Output
Disable
• Fan Speed Control Circuit to Minimize Fan Noise
• Over Load and Reverse Polarity Protection
METER
Digital
3 1/2 digits 0.5" LED display
Accuracy
±( 0.5% of rdg + 2 digits )
SAFETY
IEC/EN 61010-1
CE mark
Yes
INSULATION
Chassis and terminal
DC 500V / 20MW
Chassis and AC cord
DC 500V / 30MW
POWER SOURCE
Input voltage
AC 100V/120V/220V ±10%, 230V(+10% ~ -
6%), 50/60Hz
DIMENSIONS & WEIGHT
Case
255(W) x 145(H) x 265(D) mm
Approx 7kg
CONSTANT VOLTAGE OPERATION (CH1, CH2)
Line regulation
0.01%+3mV
Load regulation
0.01% + 3mV (rating current 3A)
0.02% + 5mV (rating current >3A)
Ripple & noise
1mVrms 5Hz ~ 1MHz
Recovery tTime
100mS (50% load change, minimum load
0.5A)
CONSTANT CURRENT OPERATION (CH1, CH2)
Line regulation
0.2% + 3mA
Load regulation
0.2% + 3mA
Ripple current
1mVrms 5Hz ~ 1MHz
5V FIXED OUTPUT
Regulation
Line regulation
5mV
Load regulation
10mV
Ripple & noise
3mArms
TRACKING OPERATION (CH1, CH2)
Tracking error
0.5% + 10mV of CH1
Series regulation
0.01% + 5mV
Load regulation
300mV
Ripple & noise
2mVrms, 5Hz ~ 1MHz
FIXED OUTPUT (CH3)
Voltage
5V
Line regulation
5mV
Load regulation
10mV
Ripple & noise
2mVrms
Output current
3A
SELECTION TABLE
MODEL
NUMBER
CH1 / CH2
CH3
TRACKING
SERIES V
TRACKING
PARALLEL I
GPS-3303
0-30V / 0-3A
5V / 3A Max
60V / 3A
30V / 6A
SPECIFICATIONS


Similar Part No. - GPS-3303

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GPS-3303 GWINSTEK-GPS-3303 Datasheet
127Kb / 1P
   MULTIPLE OUTPUT LINEAR D.C. POWER SUPPLY
More results

Similar Description - GPS-3303

ManufacturerPart #DatasheetDescription
logo
Powerbox
GPR-M POWERBOX-GPR-M Datasheet
167Kb / 1P
   1 8 0 WAT T L I N E A R
GPR-H POWERBOX-GPR-H Datasheet
167Kb / 1P
   3 0 0 - 3 7 5 WAT T L I N E A R
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
   1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBLNC POWERBOX-PBLNC Datasheet
313Kb / 2P
   7 7 - 2 7 5 WAT T S F L O AT C H A R G E R L I N E A R
TRG45A POWERBOX-TRG45A Datasheet
503Kb / 1P
   4 5 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
   S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
E-Tech Electronics LTD
GP103A ETL-GP103A Datasheet
187Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
logo
Powerbox
PBDRN120 POWERBOX-PBDRN120 Datasheet
231Kb / 1P
   1 2 0 WAT T S - A C / D C D I N R A I L M O U N TA B L E - I N D U S T R I A L C O N T R O L
logo
E-Tech Electronics LTD
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
logo
Powerbox
PBK2H POWERBOX-PBK2H Datasheet
222Kb / 1P
   7 0 WAT T S M O B I L E C O N V E R T E R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com