Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBMPLS-96V-RM Datasheet(PDF) 2 Page - Powerbox

Part # PBMPLS-96V-RM
Description  D C / A C S I N EWA V E I N V E R T E R
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBMPLS-96V-RM Datasheet(HTML) 2 Page - Powerbox

  PBMPLS-96V-RM Datasheet HTML 1Page - Powerbox PBMPLS-96V-RM Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
PBMPLS-RM Series
D C / A C S I N E W A V E I N V E R T E R
SELECTION TABLE
Doc. No. PBMPLS-RM Rev.D 20-01-16
MODEL NUMBER
DC INPUT
INPUT
RANGE
CONTINOUS
RATING
½ HOUR
RATING
SURGE
5 SEC
WEIGHT
PBMPLS-12U-RM
12Vdc
10-17V
500W
550W
1500W
7KG
PBMPLS-12W-RM
12Vdc
10-17V
1000W
1150W
3000W
12KG
PBMPLS-12V-RM
12Vdc
10-17V
1500W
1600W
4500W
16KG
PBMPLS-12I-RM
12Vdc
10-17V
2000W
2200W
6000W
22KG
PBMPLS-24X-RM
24Vdc
21-34V
600W
750W
2000W
7KG
PBMPLS-24V-RM
24Vdc
21-34V
1200W
1600W
3600W
12KG
PBMPLS-24I-RM
24Vdc
21-34V
1800W
2200W
5400W
16KG
PBMPLS-24IA-RM
24Vdc
21-34V
2300W
2800W
7000W
22KG
PBMPLS-24Z-RM
24Vdc
21-34V
3000W
3700W
9000W
24KG
PBMPLS-48X-RM
48Vdc
42-68V
600W
750W
2000W
7KG
PBMPLS-48V-RM
48Vdc
42-68V
1200W
1600W
3600W
12KG
PBMPLS-48I-RM
48Vdc
42-68V
1800W
2200W
5400W
16KG
PBMPLS-48IA-RM
48Vdc
42-68V
2500W
3000W
7500W
22KG
PBMPLS-48Z-RM
48Vdc
42-68V
3500W
4100W
10500W
24KG
PBMPLS-48ZC-RM
48Vdc
42-68V
5000W
6000W
15000W
30KG
PBMPLS-96X-RM
96Vdc
77-140V
600W
750W
2000W
7KG
PBMPLS-96V-RM
96Vdc
77-140V
1200W
1600W
3600W
12KG
PBMPLS-96I-RM
96Vdc
77-140V
1800W
2200W
5400W
16KG
PBMPLS-96IA-RM
96Vdc
77-140V
2500W
3000W
7500W
22KG
PBMPLS-96Z-RM
96Vdc
77-140V
3500W
4100W
10500W
24KG
PBMPLS-96ZC-RM
96Vdc
77-140V
5000W
6000W
15000W
30KG
PBMPLS-120X-RM
120Vdc
95-177V
600W
750W
2000W
7KG
PBMPLS-120V-RM
120Vdc
95-177V
1200W
1600W
36000W
12KG
PBMPLS-120I-RM
120Vdc
95-177V
1800W
2200W
5400W
16KG
PBMPLS-120IA-RM
120Vdc
95-177V
2500W
3000W
7500W
22KG
PBMPLS-120Z-RM
120Vdc
95-177V
3500W
4100W
10500W
24KG
PBMPLS-120ZC-RM
120Vdc
95-177V
5000W
6000W
15000W
30KG


Similar Part No. - PBMPLS-96V-RM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBMPLS-96V-RM POWERBOX-PBMPLS-96V-RM Datasheet
358Kb / 2P
   500-5000 WATTS DC/AC INVERTER
More results

Similar Description - PBMPLS-96V-RM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
List of Unclassifed Man...
1-1102141-2 ETC2-1-1102141-2 Datasheet
10Mb / 236P
   T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
Powerbox
PBDRD30 POWERBOX-PBDRD30 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
   I N V E R T E R C H A R G E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com