Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSP-12R Datasheet(PDF) 1 Page - Powerbox

Part # PBSP-12R
Description  1 5 0 - 2 5 0WAT T D C / A C I N V E R T E R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBSP-12R Datasheet(HTML) 1 Page - Powerbox

  PBSP-12R Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
520
FEATURES
Dynamic battery low voltage control
Intelligent overload current
Short circuit protection
Efficiency 90%
Total harmonic distortion <1.2%
12 or 24 volt inputs
Isolated output
INPUT
Nominal input voltage
PBSP-12R: 12V
PBSP-24S: 24V
Input voltage range
PBSP-12R: 10.5–16VDC
PBSP-24S: 21–32VDC
No load power draw
PBSP-12R: <2VA (240V typ.)
PBSP-24S <2.5VA
OUTPUT
Voltage
230VAC ±5%
Frequency
50Hz ±0.5%
Waveform
True sinewave <4% THD
Rated power @ 30°C
ambient
PBSP-12R – 150VA
PBSP-24S – 250VA
Overload capability
Max. 250%
OPERATING
Peak efficiency
90%
STANDARDS AND APPROVALS
Toroidal transformer
IEC742
C-tick
AS/NZS CISPR14, AS/NZS 1044
EMC standards
Complies to CE rules
ENVIRONMENTAL
Temperature range
0°C to 50°C, derate above 30°C
Humidity
95% humidity, not condensing
MECHANICAL
AC outlet
3 pin socket
Battery leads
1 metre
Dimensions (HxWxD)
110x75x190mm
Weight
PBSP-12R – 1.8 kg
PBSP-24S – 2.5 kg
Chassis
Powder coated aluminium
MODEL
NUMBER
DC INPUT
POWER RATING OVERLOAD
PBSP-12R
10.5–16V
150W
375W
PBSP-24S
21–32V
250W
625W
SELECTION TABLE
PBSP Piccolo Series
1 5 0 - 2 5 0 W A T T D C / A C I N V E R T E R
TECHNICAL ILLUSTRATION
SPECIFICATIONS


Similar Part No. - PBSP-12R

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBSP-12R POWERBOX-PBSP-12R Datasheet
489Kb / 1P
   150 - 250 WATT DC/AC INVERTER
More results

Similar Description - PBSP-12R

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBSP-TEMPO POWERBOX-PBSP-TEMPO Datasheet
130Kb / 1P
   5 0 0 - 7 0 0WAT T D C / A C I N V E R T E R
PBSP-BOLERO POWERBOX-PBSP-BOLERO Datasheet
138Kb / 1P
   8 0 0 - 1 1 0 0WAT T D C / A C I N V E R T E R
PBSP-EVEREST POWERBOX-PBSP-EVEREST Datasheet
164Kb / 1P
   2 0 0 0 - 3 8 0 0WAT T D C / A C I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
300V POWERBOX-300V Datasheet
263Kb / 1P
   5 0 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com