Electronic Components Datasheet Search |
|
02015K4R7QBWTR Datasheet(PDF) 3 Page - AVX Corporation |
|
02015K4R7QBWTR Datasheet(HTML) 3 Page - AVX Corporation |
3 / 26 page Accu-P ® Thin-Film Chip Capacitors ACCU-P® TECHNOLOGY The use of very low-loss dielectric materials, silicon dioxide and silicon oxynitride, in conjunction with highly conductive elec- trode metals results in low ESR and high Q. These high-frequency characteristics change at a slower rate with increasing frequency than for ceramic microwave capacitors. Because of the thin-film technology, the above-mentioned frequency characteristics are obtained without significant compromise of properties required for surface mounting. The main Accu-P ® properties are: • Internationally agreed sizes with excellent dimensional control. • Ultra small size chip capacitors (01005) are available. • Ultra tight capacitance tolerances. • Low ESR at VHF, UHF and microwave frequencies. • Enhanced RF power handling capablity. • High stability with respect to time, temperature, frequency and voltage variation. • Nickel/solder-coated terminations to provide excellent sol- derability and leach resistance. ACCU-P® FEATURES Accu-P ® meets the fast-growing demand for low-loss (high-Q) capacitors for use in surface mount technology espe- cially for the mobile communications market, such as cellular radio of 450 and 900 MHz, UHF walkie-talkies, UHF cordless telephones to 2.3 GHz, low noise blocks at 11-12.5 GHz and for other VHF, UHF and microwave applications. Accu-P ® is currently unique in its ability to offer very low capacitance values (0.05pF) and very tight capacitance tolerances (±0.01pF). • The RF power handling capability of the Accu-P ® allows for its usage in both small signal and RF power applica- tions. • Thin Film Technology guarantees minimal batch to batch variability of parameters at high frequency. • Inspection test and quality control procedures in accor- dance with ISO 9001, CECC, IECQ and USA MIL Standards yield products of the highest quality. • Hand soldering Accu-P ®: Due to their construction utilizing relatively high thermal conductivity materials, Accu-P’s have become the preferred device in R & D labs and pro- duction environments where hand soldering is used. APPLICATIONS Cellular Communications CT2/PCN (Cordless Telephone/Personal Comm. Networks) Satellite TV Cable TV GPS (Global Positioning Systems) Vehicle Location Systems Vehicle Alarm Systems Paging Military Communications Radar Systems Video Switching Test & Measurements Filters VCO's Matching Networks RF Amplifiers APPROVALS ISO 9001 1 7 |
Similar Part No. - 02015K4R7QBWTR |
|
Similar Description - 02015K4R7QBWTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |