Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-07-50 Datasheet(PDF) 3 Page - Kemet Corporation

Part # CT-07-50
Description  CT Series Low Current AC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CT-07-50 Datasheet(HTML) 3 Page - Kemet Corporation

  CT-07-50 Datasheet HTML 1Page - Kemet Corporation CT-07-50 Datasheet HTML 2Page - Kemet Corporation CT-07-50 Datasheet HTML 3Page - Kemet Corporation CT-07-50 Datasheet HTML 4Page - Kemet Corporation CT-07-50 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0203_CT • 8/20/2015
Sensors – CT Series Low Current AC
Measuring Circut
: Primary current (AT)
: Load resistance (Ω)
: Output voltage (mV
rms)
I1
RL
Eo
RL
Eo
I1
Environmental Compliance
All CT sensors are RoHS compliant.
Table 1 – Ratings & Part Number Reference
Part Number
Turns
Core
Lead Wires
Material
CT-05
500
Permalloy
φ0.6 mm pin connectors
Phenolic resin case,
epoxy-filled
CT-06-50
500
Permalloy
Polyethylene sheath
φ0.5 mm single wire
Phenolic resin case,
silicon-filled
CT-06-100
1,000
Permalloy
Polyethylene sheath
φ0.5 mm single wire
Phenolic resin case,
silicon-filled
CT-07-50
500
Permalloy
φ0.8 mm pin connectors
Phenolic resin case,
epoxy-filled
CT-07-100
1,000
Permalloy
φ0.8 mm pin connectors
Phenolic resin case,
epoxy-filled
Precautions
Before Using Low Alternating Current Sensors
• Do NOT drop or apply any other mechanical stress.
• Preliminary study is required when heating by current conduction.
• Do NOT use the Low Alternating Current Sensors opened between secondary output terminals. Heat build-up in the magnetic core
may occur, resulting in damages to the parts by melting of the coil.


Similar Part No. - CT-07-50

ManufacturerPart #DatasheetDescription
logo
NEC
CT-07 NEC-CT-07 Datasheet
2Mb / 27P
   NEC TOKIN Sensors
More results

Similar Description - CT-07-50

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C-12-16 KEMET-C-12-16 Datasheet
297Kb / 5P
   C/CT Series High Current AC, Snap-on Type
logo
Hammond Manufacturing L...
CT60A HAMMOND-CT60A Datasheet
284Kb / 1P
   Current Transformers - Indoor Toroidal CT Series
logo
LEM
CT10-T LEM-CT10-T Datasheet
55Kb / 2P
   Current Transducers CT 10-T
CT25-T LEM-CT25-T Datasheet
54Kb / 2P
   Current Transducers CT 25-T
CT5-T LEM-CT5-T Datasheet
56Kb / 2P
   Current Transducers CT 5-T
CT50-T LEM-CT50-T Datasheet
55Kb / 2P
   Current Transducers CT 50-T
CT100-S LEM-CT100-S Datasheet
52Kb / 2P
   Current Transducers CT 100-S
logo
Kemet Corporation
CT-06-75 KEMET-CT-06-75 Datasheet
68Kb / 1P
   KEMET, CT, Current, Round - Toroidal, AC, Overcurrent/Currect Detection, High Sensitivity, High Performance
logo
Microsemi Corporation
MS8351-P2819 MICROSEMI-MS8351-P2819 Datasheet
102Kb / 2P
   GaAs Schottky Diodes Low CT TM Series Pair
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com