Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR-3 Datasheet(PDF) 2 Page - Kemet Corporation

Part # MR-3
Description  ZCT Series Zero-Phase Current Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

MR-3 Datasheet(HTML) 2 Page - Kemet Corporation

  MR-3 Datasheet HTML 1Page - Kemet Corporation MR-3 Datasheet HTML 2Page - Kemet Corporation MR-3 Datasheet HTML 3Page - Kemet Corporation MR-3 Datasheet HTML 4Page - Kemet Corporation MR-3 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0205_ZCT • 9/18/2015
Sensors – ZCT Series Zero-Phase Current Transformers
Dimensions in mm
Spare solder
<5>
H
L
D3
H
(4.1)
5.0 ± 0.3*
D2
Pin
MR-1, 2, 3, 4
MR-1-P5
Product Name
D1 (Minimum)
D2 (Maximum) D3 (Maximum)
D4
H (Maximum)
L (±3.0)
MR-1
7.2
19.3
22.4
(5.0)
8.3
45.0
MR-2
8.9
21.8
24.7
(5.0)
8.3
80.0
MR-3
11.0
28.0
30.5
(6.0)
10.5
67.0
MR-4
16.5
32.0
34.5
(7.0)
10.8
67.0
MR-1-P5
7.4
19.3
21.8
(8.0)
8.5
Pin: φ0.8 mm Pin connectors.
* Pin root diameter.
Environmental Compliance
All ZCT sensors are RoHS compliant.
Table 1 – Ratings & Part Number Reference
Part Number
Minimum
Output Voltage
(mV)
Temperature
Characteristics
(-20ºC to 80ºC)
Maximum
Overinput
Characteristics
(After DC5A
Input)
Measurement
Conditions
MR-1
8
±10%
10%
f = 60 Hz
R = 300 Ω
lo = 22.5 mA
MR-2
MR-3
MR-4
MR-1-P5
R = Load resistance
lo = Detection current


Similar Part No. - MR-3

ManufacturerPart #DatasheetDescription
logo
NEC
MR-3 NEC-MR-3 Datasheet
2Mb / 27P
   NEC TOKIN Sensors
logo
List of Unclassifed Man...
MR-301 ETC2-MR-301 Datasheet
179Kb / 2P
   RISC Based Fanless Network Appliance with Marvel Shiva NPU
logo
FOTEK CONTROLS CO., LTD...
MR-30X FOTEK-MR-30X Datasheet
784Kb / 3P
   MINI & WATER-PROOF PHOTO SENSOR
MR-30XP FOTEK-MR-30XP Datasheet
784Kb / 3P
   MINI & WATER-PROOF PHOTO SENSOR
logo
List of Unclassifed Man...
MR-320 ETC2-MR-320 Datasheet
131Kb / 2P
   Mini Network Platform with Cavium OCTEON Network Processor
More results

Similar Description - MR-3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MRC-01 KEMET-MRC-01 Datasheet
243Kb / 6P
   ZCT, Zero-Phase Current Transformers
MR-01 KEMET-MR-01 Datasheet
77Kb / 1P
   KEMET, ZCT, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
   CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
   CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
74500 MYRRA-74500 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
74560 MYRRA-74560 Datasheet
108Kb / 1P
   CURRENT TRANSFORMERS
74550 MYRRA-74550 Datasheet
97Kb / 1P
   CURRENT TRANSFORMERS
74570 MYRRA-74570 Datasheet
97Kb / 1P
   CURRENT TRANSFORMERS
logo
Bourns Electronic Solut...
PCS BOURNS-PCS Datasheet
978Kb / 5P
   PCS Series Current Sense Transformers
07/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com