Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72702NV Datasheet(PDF) 7 Page - ON Semiconductor

Part # LA72702NV
Description  BTSC Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72702NV Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LA72702NV Datasheet HTML 2Page - ON Semiconductor LA72702NV Datasheet HTML 3Page - ON Semiconductor LA72702NV Datasheet HTML 4Page - ON Semiconductor LA72702NV Datasheet HTML 5Page - ON Semiconductor LA72702NV Datasheet HTML 6Page - ON Semiconductor LA72702NV Datasheet HTML 7Page - ON Semiconductor LA72702NV Datasheet HTML 8Page - ON Semiconductor LA72702NV Datasheet HTML 9Page - ON Semiconductor LA72702NV Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LA72702NV
No.A0979-7/10
Continued from preceding page.
Pin No.
Pin Name
Function
DC: voltage
AC: level
Equivalent Circuit
9
SDA
Serial data input
10
SCL
Serial clock input
11
PC DBXIN
Offset cancel feedback filter
DC: 2.4V
12
PCDETSPE
Spectral band RMS detect
DC: 2.3V
13
PCTIMSPE
dbx spectral detect
DC: 2.4V
14
PCTNWID
Wide band RMS detect
DC: 2.4V
15
PCSPECIN
dbx main signal V/I convert filter
DC: 2.4V
16
PC KE6B
Offset cancel feedback filter
DC: 2.4V
AC: 220mVp-p
Continued on next page.
0V
5V
0V
5V
9
1k
Ω
10
1k
Ω
5k
Ω
11
12
200
Ω
1k
Ω
5k
Ω
13
14
200
Ω
1k
Ω
10k
Ω
15
500
Ω
250
Ω
500
Ω
16


Similar Part No. - LA72702NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
More results

Similar Description - LA72702NV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
logo
Sanyo Semicon Device
LA72702VA SANYO-LA72702VA Datasheet
158Kb / 11P
   Monolithic Linear IC For US TV BTSC Decoder
LA72703V SANYO-LA72703V Datasheet
168Kb / 12P
   Monolithic Linear IC For US TV BTSC Decoder
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
logo
NXP Semiconductors
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com