Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72702NV Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA72702NV
Description  BTSC Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72702NV Datasheet(HTML) 1 Page - ON Semiconductor

  LA72702NV Datasheet HTML 1Page - ON Semiconductor LA72702NV Datasheet HTML 2Page - ON Semiconductor LA72702NV Datasheet HTML 3Page - ON Semiconductor LA72702NV Datasheet HTML 4Page - ON Semiconductor LA72702NV Datasheet HTML 5Page - ON Semiconductor LA72702NV Datasheet HTML 6Page - ON Semiconductor LA72702NV Datasheet HTML 7Page - ON Semiconductor LA72702NV Datasheet HTML 8Page - ON Semiconductor LA72702NV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N2807 TI IM 20070112-S00005 No.A0979-1/10
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LA72702NV
Overview
The LA72702NV is a US TV BTSC Decoder.
Features
• With SIF circuit, alignment-free* STEREO channel separation.
* When base band signal input, separation is adjusted by input level.
• Dual slave address(80h, 84h).
Functions
• SIF FM-Demodulator • STEREO detection
• SAP detection
• STEREO decoder
• STEREO detection sensitivity change function • SAP output select 2-levels
• dbx Noise Reduction • SAP demodulator
• SAP detection sensitivity change
function
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCCH max
7.0
V
Allowable power dissipation
Pd max
Ta
≤85°C, Mounted on a specified board*
290
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy board
Operating Conditions at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage
vacate
5.0
V
Allowable operating voltage range
VCCH op
4.5 to 5.5
V
Monolithic Linear IC
BTSC Decoder for US TV
Ordering number : ENA0979
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LA72702NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
More results

Similar Description - LA72702NV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
logo
Sanyo Semicon Device
LA72702VA SANYO-LA72702VA Datasheet
158Kb / 11P
   Monolithic Linear IC For US TV BTSC Decoder
LA72703V SANYO-LA72703V Datasheet
168Kb / 12P
   Monolithic Linear IC For US TV BTSC Decoder
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
logo
NXP Semiconductors
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com