Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72702NV Datasheet(PDF) 4 Page - ON Semiconductor

Part # LA72702NV
Description  BTSC Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA72702NV Datasheet(HTML) 4 Page - ON Semiconductor

  LA72702NV Datasheet HTML 1Page - ON Semiconductor LA72702NV Datasheet HTML 2Page - ON Semiconductor LA72702NV Datasheet HTML 3Page - ON Semiconductor LA72702NV Datasheet HTML 4Page - ON Semiconductor LA72702NV Datasheet HTML 5Page - ON Semiconductor LA72702NV Datasheet HTML 6Page - ON Semiconductor LA72702NV Datasheet HTML 7Page - ON Semiconductor LA72702NV Datasheet HTML 8Page - ON Semiconductor LA72702NV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LA72702NV
No.A0979-4/10
I
2C Control Table
Grp-1 (Normally use : group-1 only)
D8
D7
D6
D5
D4
D3
D2
D1
Condition
*
0
0
Stereo
0
1
SAP
1
0
Both
1
1
MUTE
*
0
Normal (Auto DET)
1
Forced Mono
*
0
SAP SENS LO
1
SAP SENS HI
*
0
Stereo SENS LO
1
Stereo SENS HI
*
0
SAP Level-1
1
SAP Level-2
*
0
SIF mode
1
Base Band mode
*
0
Fix
1
Prohibit (TEST MODE)
* : Shows Initial condition
Read out data
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
0
0
0
0
Fixed
0
Normal
1
SAP det
0
Normal
1
Stereo det
Test mode condition(Reference)
When STOP condition transform at Grp-1 data-end, controlled NORMAL mode.
Grp-2 is only test condition. Usually, these data are no-need. Their data are no guarantee, except all L condition.
D8
D7
D6
D5
D4
D3
D2
D1
Condition/Monitor position
0
0
0
0
0
0
0
0
Normal (Usually, Fixed)
0
0
0
1
TEST-1 SIF output
0
0
1
0
TEST-2 SAP BPF
0
0
1
1
TEST-3 (reserved)
0
1
0
0
TEST-4 ST VCO
0
1
0
1
TEST-5 (reserved)
0
1
1
0
TEST-6 SAP monitor
0
1
1
1
TEST-7 ST monitor
1
0
0
0
TEST-8 Pilot cancel monitor
1
0
0
1
TEST-9 dbx 2.19k LPF
1
0
1
0
TEST-10 dbx 408 LPF
1
0
1
1
TEST-11 dbx DET 10k LPF
1
1
0
0
TEST-12 dbx SPEC 7.6k LPF
1
1
0
1
TEST-13 dbx SPEC output
1
1
1
0
TEST-14 L+R/lL-R monitor
1
1
1
1
TEST-15 dbx 2.09k LPF
Blank Bits are no-care
Slave addresses are 80h (1000 000*, at pin8 Open/GND) and 84h (1000 010*, at pin8 H).


Similar Part No. - LA72702NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
More results

Similar Description - LA72702NV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
logo
Sanyo Semicon Device
LA72702VA SANYO-LA72702VA Datasheet
158Kb / 11P
   Monolithic Linear IC For US TV BTSC Decoder
LA72703V SANYO-LA72703V Datasheet
168Kb / 12P
   Monolithic Linear IC For US TV BTSC Decoder
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
logo
NXP Semiconductors
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com