Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA3219D-E1-T Datasheet(PDF) 9 Page - ON Semiconductor

Part # GA3219D-E1-T
Description  Pre-configured DSP System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GA3219D-E1-T Datasheet(HTML) 9 Page - ON Semiconductor

Back Button GA3219D-E1-T Datasheet HTML 5Page - ON Semiconductor GA3219D-E1-T Datasheet HTML 6Page - ON Semiconductor GA3219D-E1-T Datasheet HTML 7Page - ON Semiconductor GA3219D-E1-T Datasheet HTML 8Page - ON Semiconductor GA3219D-E1-T Datasheet HTML 9Page - ON Semiconductor GA3219D-E1-T Datasheet HTML 10Page - ON Semiconductor GA3219D-E1-T Datasheet HTML 11Page - ON Semiconductor GA3219D-E1-T Datasheet HTML 12Page - ON Semiconductor GA3219D-E1-T Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
VENTURE GA3219
www.onsemi.com
9
signal processing, but can be used to store additional
information related to the associated biquad.
The underlying code in the product components
automatically checks all of the filters in the system for
stability (i.e., the poles have to be within the unit circle)
before updating the graphs on the screen or programming
the coefficients into the hybrid. If the Interactive Data Sheet
receives an exception from the underlying stability checking
code, it automatically disables the biquad being modified
and display a warning message. When the filter is made
stable again, it can be re−enabled.
Also note that in some configurations, some of these
filters may be used by the product component for
microphone/telecoil compensation, low−frequency EQ, etc.
If this is the case, the coefficients entered by the user into
IDS are ignored and the filter designed by the software is
programmed instead. For more information on filter design
refer to the Biquad Filters In PARAGON® Digital Hybrid
information note.
Volume Control
The Volume Control (VC) can be either external or
programmable. If VC is programmed for external operation,
a variable resistor should be connected to the 9 bit A/D
converter.
The external VC can be configured to work with either a
two−terminal 200 k
W variable resistor or a three−terminal
0.1 M
W – 1 MW variable resistor. In two−terminal
configuration, the VC is connected between GND, Vreg and
the VC input.
If using a two−terminal VC, it must be calibrated before
use. Calibration is not necessary with a three−terminal
connection. Hysteresis is built into the VC circuitry to
prevent unintentional volume level toggling. A log taper
potentiometer is recommended so that gain in dB would be
linear with potentiometer rotation. The range of VC is
adjustable and can be set between 1 dB (min) and 42 dB
(max).
AGC−O and Peak Clipper
The output compression−limiting block (AGC−O) is an
output limiting circuit whose compression ratio is fixed at
∝:1. The threshold level is programmable. The AGC−O
module has programmable attack and release time
constants.
The AGC−O on Venture GA3219 has optional adaptive
release functionality. When this function is enabled, the
release time varies depending on the environment. In
general terms, the release time becomes faster in
environments where the average level is well below the
threshold and only brief intermittent transients exceed the
threshold.
Conversely, in environments where the average level is
close to the AGC−O threshold, the release time applied to
portions of the signal exceeding the threshold is longer. The
result is an effective low distortion output limiter that clamps
down very quickly on momentary transients but reacts more
smoothly in loud environments to minimize compression
pumping artifacts. The programmed release time is the
longest release time applied, while the fastest release time is
16 times faster. For example, if a release time of 128 ms is
selected, the fastest release time applied by the AGC−O
block is 8 ms.
Venture GA3219 also includes the Peak Clipper block for
added flexibility.
Memory Select Switches
One or two, two−pole Memory Select (MS) switches can
be used with Venture GA3219. This enables users
tremendous flexibility in switching between configurations.
These switches may be either momentary or static and are
configurable to be either pull−up or pull−down through the
settings tab in IDS.
Up to four memories can be configured on Venture
GA3219. Memory A must always be valid. All memory
select options are selectable via the settings tab in IDS.
Momentary Switch on MS
This mode uses a single momentary switch on MS (Pin4)
to change memories. Using this mode causes the part to start
in memory A, and whenever the button is pressed, the next
valid memory is loaded. When the user is in the last valid
memory, a button press causes memory A to be loaded.
This mode is set by programming the ‘MSSMode’
parameter to ‘Momentary’ and ‘Donly’ to ‘disabled’.
Example:
If 4 valid memories: ABCDABCDA
If 3 valid memories: ABCABCA
If 2 valid memories: ABABA
If 1 valid memories: AAA
Momentary Switch on MS, Static Switch on MS2 (Jump
to Last Memory)
This mode uses a static switch on MS2 (Pin5) and a
momentary switch on MS (Pin4) to change memories. If the
static switch is OPEN, the part starts in memory A and
behaves like momentary, with the exception that memory D
is not used. If the static switch on MS2 is set to HIGH, the
part automatically jumps to memory D (occurs on start−up
or during normal operation). In this setup, the momentary
switch’s state is ignored, preventing memory select beeps
from occurring. When MS2 is set to OPEN, the part loads in
the last select memory.
This mode is set by programming the ‘MSSMode’
parameter to ‘Momentary’ and ‘Donly’ to ‘enabled’.
Example:
If MS2 = OPEN and there are 4 valid memories:
ABCABCA
If MS2 = OPEN and there are 3 valid memories: ABABA
If MS2 = HIGH: D


Similar Part No. - GA3219D-E1-T

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
More results

Similar Description - GA3219D-E1-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com