Selected language     English  ā–¼


LA73031V Datasheet(PDF) 7 Page - ON Semiconductor

Part No. LA73031V
Description  Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 7 page
background image
LA73031V
No.A0240-7/10
Continued from preceding page.
Pin
No.
Pin name
Signal wave form
DC voltage AC level
Equivalent circuit
2.9V
10
12
14
16
C-IN2
C-IN3
C-IN4
C-IN5
DC
No signal: 2.9V
11
30
35
41
VCC4
VCC2
VCC3
VCC1
13
27
32
37
GND4
GND2
GND3
GND1
15
REG
DC
2.5V
0dB: 1.6V
6dB: 2.1V
18
20
22
24
26
Y-IN1
Y-IN2
Y-IN3
Y-IN4
Y-IN5
DC
No signal: 1.6V
25
TEST MODE-CTL
GND
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl