Selected language     English  ā–¼


LA73031V Datasheet(PDF) 8 Page - ON Semiconductor

Part No. LA73031V
Description  Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 8 page
background image
LA73031V
No.A0240-8/10
Continued from preceding page.
Pin
No.
Pin name
Signal wave form
DC voltage AC level
Equivalent circuit
29
Y-OUT
0.8V
31
C-OUT/
Cr-OUT
2.3V
38
CVBS-OUT/
Cb-OUT
CVBS output: 0.8V
Component output: 2.3V
33
V-DET-IN
34
36
C.SYNC OUT
V.SYNC OUT
43
V-DET OUT
DC
No signal: 0.3V
Input signal: 5V
39
V-DET-FIL
DC




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl