Selected language     English  ▼


LA73031V Datasheet(PDF) 1 Page - ON Semiconductor

Part No. LA73031V
Description  Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 1 page
background image
71906 MS OT B8-7234 No.A0240-1/10
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LA73031V
Overview
This LA73031V is a video signal input switch for DVD recorder.
Functions
• Six input switches × one channel
• Five input switches × two channels
• Keyed clamp
• 6dB amplifier
• 6MHz low pass filter
• Video signal detection
• Composite sync output
• Standby mode
Specifications
Maximum Ratings at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 75°C
780
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
∗ When mounted on a 114.3×76.1×1.6mm
3 glass epoxy resin.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommending operation voltage
VCC
5.0
V
Operating voltage range
VCC opr
4.75 to 5.25
V
Input pin voltage application range
VIN
-0.3 to VCC opr + 0.3
V
Ordering number : ENA0240
Monolithic Linear IC
Video Signal Input Switch
for DVD Recorder
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl