Selected language     English  ▼


LA73031V Datasheet(PDF) 3 Page - ON Semiconductor

Part No. LA73031V
Description  Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 3 page
background image
LA73031V
No.A0240-3/10
Continued from preceding page.
Input signal
Ratings
Control Voltage Unit: V
Parameter
Symbol
Point
Signal
Freq
[Hz]
Ampli-
tude
[p-p]
Output
Point
Test Conditions
Min
Typ Max
Unit
V4
V7
V9 V17 V19 V21 V23 V25 V28
F40LP2
VIN40
SG1
14.3M
1V
T38
-40
-30
dB
0
5
5
0
0
0
0
0
0
F8LP2
VIN8
SG1
14.3M
714mV
T31
-40
-30
dB
0
5
0
0
0
0
0
0
0
Frequency
characteristic
s in LPF-on2
F18LP2
VIN18
SG1
14.3M
1V
T29
Ga-Gb
Ga=20log(VOUT/VIN) for 100kHz
Gb=20log(VOUT/VIN) for
14.3MHz
-40
-30
dB
0
5
0
0
0
0
0
0
0
H40
VIN40
SG1
5M
1V
T38
-45
-35
dB
0
5
5
0
0
0
0
0
0
H8
VIN8
SG1
5M
714mV
T31
-45
-35
dB
0
5
0
0
0
0
0
0
0
Output 2nd
order
distortion
H18
VIN18
SG1
5M
1V
T29
Measure the output 2nd
harmonics component of 5MHz.
-45
-35
dB
0
5
0
0
0
0
0
0
0
C.SYNC
Separator
output high
level
CV40H
VIN40
SG3
1V
T34
Measure the output high level at
T34.
VCC
-0.5
VCC
V
0
5
0
0
0
0
0
C.SYNC
Separator
output high
level
CV40L
VIN40
SG3
1V
T34
Measure the output low level at
T34.
0
0.3
0.6
V
0
5
0
0
0
0
0
C.Sync
separator
output pulse
delay time
CT40
VIN40
SG3
1V
T34
Measure the pulse delay for input
signal at T34.
0.85 1.2
1.6
μs
0
5
0
0
0
0
0
C.Sync
separator
output pulse
width
CW40
VIN40
SG3
1V
T34
Measure the pulse width at T34.
3.2
4.2
5.2
μs
0
5
0
0
0
0
0
V.Sync
separator
output high
level
VV40H
VIN40
SG6
1V
T36
Measure the output high level at
T36.
VCC
-0.5
VCC
V
0
5
0
0
0
0
0
V.Sync
separator
output low
level
VV40L
VIN40
SG6
1V
T36
Measure the output low level at
T34.
0
0.3
0.6
V
0
5
0
0
0
0
0
V.Sync
separator
output pulse
delay time
VT40
VIN40
SG6
1V
T36
Measure the pulse delay for input
signal at T36.
11
19
27
μs
0
5
0
0
0
0
0
V.Sync
separator
output pulse
width
VW40
VIN40
SG6
1V
T36
Measure the pulse width at T36.
150 190
240
μs
0
5
0
0
0
0
0
V-DET output
high level
VDET40
VIN40
SG1
1V
T43
Input signal
VCC
-0.5
VCC
V
0
5
0
0
0
0
0
V-DET output
low level
T43
No signal
0
0.3
0.6
V
0
5
0
0
0
0
0
DG
DGLP38
VIN40
SG5
3.58M
1V
T38
-2
0
2
%
0
5
5
0
0
0
0
0
0
DP
DPLP38
VIN40
SG5
3.58M
1V
T38
-1.5
0
1.5
deg
0
5
5
0
0
0
0
0
0
Crosstalk
CVBS
CTCV
VIN40
VIN42
GND
SG1
5M
1V
T38
-60
-55
dB
0
5
5
0
0
0
0
0
Crosstalk C
CTC
VIN8
VIN10
GND
SG2
5M
714mV
T31
-60
-55
dB
0
5
0
0
0
0
0
0
Crosstalk Y
CTY
VIN18
VIN20
GND
SG3
5M
1V
T29
-60
-55
dB
0
5
0
0
0
0
0
0
Video S/N
SN40
VIN40
SG3
1V
T38
BW = HPF100kHz, LPF5MHz
20log (noise/signal)
-65
-60
dB
0
5
5
0
0
0
0
0
0




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl