Selected language     English  â–¼


LA73031V Datasheet(PDF) 4 Page - ON Semiconductor

Part No. LA73031V
Description  Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 4 page
background image
LA73031V
No.A0240-4/10
Package Dimensions
unit : mm (typ)
3277
Control Specification
Pin control voltage Low level: 0 to 0.7V, High level: 2.6 to 5V
Input selection control
PIN21
PIN19
PIN17
PIN9
PIN4
PIN23
Output
INSEL3
INSEL2
INSEL1
YOUTSEL
COMPONENT
Stand-by
CVBSOUT
Y OUT
C OUT
C.SYNC
L
L
L
L
L
L
CVBS1
Y1
C1
Y1
L
L
H
L
L
L
CVBS2
Y2
C2
Y2
L
H
L
L
L
L
CVBS3
Y3
C3
Y3
L
H
H
L
L
L
CVBS4
Y4
C4
Y4
H
L
L
L
L
L
CVBS5
Y5
C5
Y5
L
L
L
H
L
L
CVBS1
CVBS1
C1
CVBS1
L
L
H
H
L
L
CVBS2
CVBS2
C2
CVBS2
L
H
L
H
L
L
CVBS3
CVBS3
C3
CVBS3
L
H
H
H
L
L
CVBS4
CVBS4
C4
CVBS4
H
L
L
H
L
L
CVBS5
CVBS5
C5
CVBS5
H
L
Cb
Y1
Cr (C1)
Y1
H
CVBS2/Y2 (
∗1)
Other Controls
Pin No
Control item
L control
H control
7
Gain-CTL
0dB
6dB
28
LPF ON/OFF
ON
OFF
∗1: At the time of standby, if a signal is in Y2, the sync of the signal of Y2 will be separated.
Standby mode
CVBS2
Y2
C.Sync output
Input
No Input
CVSB2
Input
Input
Y2
No Input
Input
Y2
∗2: Since Pin25 is test mode control, please apply GND level.
15.0
0.65
(0.68)
44
23
1
22
0.22
0.2
SANYO : SSOP44(275mil)




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl