Selected language     English  ▼


LA73076V Datasheet(PDF) 5 Page - ON Semiconductor

Part No. LA73076V
Description  Video Driver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 5 page
background image
LA73076V
No.A0911-5/7
Continued from preceding page.
Pin
No
Symbol
Voltage
Description
Equivalent Circuit
5
C-IN
1.55V
Video input terminal
(Input high-impedance)
6
RIP-FIL
1.2V
7
Y-IN
1.1V
Video input terminal
(Sync-chip clamp
(Input high-impedance))
8
GND
0V
Continued on next page.
1.55V
700mVp-p
A-GND
C-IN
VCC_A
10k
Ω
1.55V
10k
Ω
14
5
16
1k
Ω
8k
Ω
VCC_A
A-GND
RIP-FIL
14
6
16
1.1V
1Vp-p
VCC_A
A-GND
Y-IN
1k
Ω
200
Ω
1k
Ω
200
Ω
2k
Ω
Power On
Reset
14
7
16




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl